Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25C256-3GA3 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS25C256-3GA3
Description  128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C256-3GA3 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS25C256-3GA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25C256-3GA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25C256-3GA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C256-3GA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C256-3GA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C256-3GA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C256-3GA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C256-3GA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C256-3GA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Advanced Information
Rev. 00E
06/13/06
IS25C128
IS25C256
ISSI®
WRITE ENABLE (WREN)
When Vcc is initially applied, the device powers up with
both status register and entire array in a write-disabled
state. Upon completion of Write Disable (WRDI), Write
Status Register (WRSR), or Write Data to Array
(WRITE), the device resets the WEN bit in the Status
Register to 0. Prior to any data modification, a WREN
instruction is necessary to set WEN to 1. (See Figure 2
for timing).
WRITE DISABLE (WRDI)
The device can be completely protected from modifica-
tion by resetting WEN to 0 through the WRDI instruc-
tion. (See Figure 3 for timing).
READ STATUS REGISTER (RDSR)
The Read Status instruction tells the user the status of
Write Protect Enable, the Block Protection setting (see
Table 2), the Write Enable state, and the
RDY status.
RDSR is the only instruction accepted when a write
cycle is underway. It is recommended that the status of
Write Enable and
RDY be checked, especially prior to
an attempted modification of data. The 8 bits of the
Status Register can be repeatedly output on SO after
the initial Op-code. (See Figure 4 for timing).
Table 3. Instruction Set
Name
Op-code
Operation
Address
Data(SI)
Data (SO)
WREN
0000 X110
Set Write Enable Latch
-
--
WRDI
0000 X100
Reset Write Enable Latch
-
-
-
RDSR
0000 X101
Read Status Register
-
-
D7-D0,...
WRSR
0000 X001
Write Status Register
-
D7-D0
-
READ
0000 X011
Read Data from Array
A15-A0
-
D7-D0,...
WRITE
0000 X010
Write Data to Array
A15-A0
D7-D0,...
-
DEVICE OPERATION
The operations of the IS25C128/256 are controlled by a set of instructions that are clocked-in serially SI pin. (See
Table 3). To begin an instruction, the chip select (
CS) should be dropped Low. Subsequently, each Low-to-High
transition of the clock (SK) will latch a stable value on the SI pin. After the 8-bit op-code, it may be appropriate to
continue to input an address or data to SI, or to output data from SO. During data output, values appear on the falling
edge of SK. All bits are transferred with MSB first. Upon the last bit of communication, but prior to any following Low-
to-High transition of SK,
CS should be raised High to end the transaction. The device then would enter Standby Mode
if no internal programming were underway.
Notes:
1. X = Don’t care bit. For consistency, it is best to use “0”.
2. Some address bits are don’t care. See Table 5.
3. If the bits clocked-in for an op-code are invalid, SO remains high impedance, and upon CS going High there is no affect. A
valid op-code with an invalid number of bits clocked-in for address or data will cause an attempt to modify the array or
Status Register to be ignored.


Similar Part No. - IS25C256-3GA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C01 ISSI-IS25C01 Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01-2GI ISSI-IS25C01-2GI Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01-2GLI ISSI-IS25C01-2GLI Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01-2PI ISSI-IS25C01-2PI Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01-2PLI ISSI-IS25C01-2PLI Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS25C256-3GA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C128A ISSI-IS25C128A Datasheet
201Kb / 17P
   128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01 ISSI-IS25C01 Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com