Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41C4400X Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS41C4400X
Description  4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41C4400X Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS41C4400X Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41C4400X Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41C4400X Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41C4400X Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41C4400X Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41C4400X Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41C4400X Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41C4400X Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41C4400X Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
Rev. D
06/24/01
IS41C4400X
IS41LV4400X SERIES
ISSI®
AC CHARACTERISTICS(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-50
-60
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tRC
Random READ or WRITE Cycle Time
84
104
ns
tRAC
Access Time from
RAS(6, 7)
50
60
ns
tCAC
Access Time from
CAS(6, 8, 15)
13
15
ns
tAA
Access Time from Column-Address(6)
25
30
ns
tRAS
RAS Pulse Width
50
10K
60
10K
ns
tRP
RAS Precharge Time
30
40
ns
tCAS
CAS Pulse Width(23)
8
10K
10
10K
ns
tCP
CAS Precharge Time(9)
9
9
ns
tCSH
CAS Hold Time (21)
38
40
ns
tRCD
RAS to CAS Delay Time(10, 20)
12
37
14
45
ns
tASR
Row-Address Setup Time
0
0
ns
tRAH
Row-Address Hold Time
8
10
ns
tASC
Column-Address Setup Time(20)
0
0
ns
tCAH
Column-Address Hold Time(20)
8
10
ns
tAR
Column-Address Hold Time
30
40
ns
(referenced to
RAS)
tRAD
RAS to Column-Address Delay Time(11)
10
25
12
30
ns
tRAL
Column-Address to
RAS Lead Time
25
30
ns
tRPC
RAS to CAS Precharge Time
5
5
ns
tRSH
RAS Hold Time
8
10
ns
tRHCP
RAS Hold Time from CAS Precharge
30
35
ns
tCLZ
CAS to Output in Low-Z(15, 24)
0
0
ns
tCRP
CAS to RAS Precharge Time(21)
5
5
ns
tOD
Output Disable Time(19, 24)
315
3
15
ns
tOE
Output Enable Time(15, 16)
12
15
ns
tOED
Output Enable Data Delay (Write)
12
15
ns
tOEHC
OE HIGH Hold Time from CAS HIGH
5
5
ns
tOEP
OE HIGH Pulse Width
10
10
ns
tOES
OE LOW to CAS HIGH Setup Time
5
5
ns
tRCS
Read Command Setup Time(17, 20)
0
0
ns
tRRH
Read Command Hold Time
0
0
ns
(referenced to
RAS)(12)
tRCH
Read Command Hold Time
0
0
ns
(referenced to
CAS)(12, 17, 21)
tWCH
Write Command Hold Time(17)
8
10
ns
tWCR
Write Command Hold Time
40
50
ns
(referenced to
RAS)(17)
tWP
Write Command Pulse Width(17)
8
10
ns
tWPZ
WE Pulse Widths to Disable Outputs
7
7
ns


Similar Part No. - IS41C4400X

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS41C44002 ICSI-IS41C44002 Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
IS41C44002A ICSI-IS41C44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C44002C ISSI-IS41C44002C Datasheet
367Kb / 19P
   16Mb DRAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41C44004 ICSI-IS41C44004 Datasheet
236Kb / 20P
   4Mx4 bit Dynamic RAM with EDO Page Mode
More results

Similar Description - IS41C4400X

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS45LV44002B ISSI-IS45LV44002B Datasheet
127Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com