Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25C01-3ZLA3 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS25C01-3ZLA3
Description  1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C01-3ZLA3 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS25C01-3ZLA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25C01-3ZLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25C01-3ZLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C01-3ZLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C01-3ZLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C01-3ZLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C01-3ZLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C01-3ZLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C01-3ZLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
Preliminary Information
Rev. 00B
12/23/05
IS25C01
ISSI®
SERIAL INTERFACE DESCRIPTION
MASTER: The device that provides a clock signal.
SLAVE: The IS25C01 is a slave because the clock
signal is an input.
TRANSMITTER/RECEIVER: The IS25C01 has both data
input (SI) and data output (SO).
MSB: The most significant bit. It is always the first bit
transmitted or received.
OP-CODE: The first byte transmitted to the slave
following CS transition to LOW. If the OP-CODE is a
valid member of the IS25C01 instruction set (Table 3),
then it is decoded appropriately. If the OP-CODE is not
valid, and the SO pin remains in high impedance.
BLOCK DIAGRAM
STATUS
REGISTER
128 x 8
MEMORY ARRAY
HOLD
CS
WP
CLOCK
SO
OUTPUT
BUFFER
SCK
SI
DATA
REGISTER
MODE
DECODE
LOGIC
GND
VCC
ADDRESS
DECODER


Similar Part No. - IS25C01-3ZLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02-2GI ISSI-IS25C02-2GI Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02-2GLI ISSI-IS25C02-2GLI Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02-2PI ISSI-IS25C02-2PI Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02-2PLI ISSI-IS25C02-2PLI Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS25C01-3ZLA3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS25C128A ISSI-IS25C128A Datasheet
201Kb / 17P
   128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com