Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25C32A-2GI Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS25C32A-2GI
Description  32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C32A-2GI Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS25C32A-2GI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25C32A-2GI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C32A-2GI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C32A-2GI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C32A-2GI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C32A-2GI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C32A-2GI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C32A-2GI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25C32A-2GI Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
Preliminary Information
Rev. 00E
02/07/06
IS25C32A
IS25C64A
ISSI®
Table 5. Address Key
Name
IS25C32A
IS25C64A
A
N
A
11-A0
A
12-A0
Don't
A
15-A12
A
15-A13
Care Bits
WRITE STATUS REGISTER (WRSR)
This instruction lets the user choose a Block Protection
setting, and set or reset the WPEN bit. The values of
the other data bits incorporated into WRSR can be 0 or
1, and are not stored in the Status Register. WRSR will
be ignored unless both the following are true: a) WEN =
1, due to a prior WREN instruction; and b) Hardware
Write Protection is not enabled. (See Table 4 for de-
tails). Except for the
RDY status, the values in the
Status Register remain unchanged until the moment
when the write cycle is complete and the register is
updated. Note: WPEN can be changed from 1 to 0 only
if
WP is already set High. Once completed, WEN is
reset for complete chip write protection. (See Figure 5
for timing).
READ DATA (READ)
This instruction begins with the op-code and the 16-bit
address, and causes the selected data byte to be
shifted out on SO. Following this first data byte, addi-
tional sequential bytes are output. If the data byte in the
highest address is output, the address rolls-over to the
lowest address in the array, and the output could loop
indefinitely. At any time, a rising
CS signal completes
the operation. (See Figure 6 for timing).
WRITE DATA (WRITE)
The WRITE instruction begins with the op-code, the 16-
bit address of the first byte to be modified, and the first
data byte. Additional data bytes may be written sequen-
tially to the array after the first byte. Each WRITE
instruction can affect the contents of a 32 byte page, but
no more. The page begins at address XXXXXXXX
XXX00000, and ends with XXXXXXXX XXX11111. If the last
byte of the page is input, the address rolls over to the
beginning of the same page. More than 32 data bytes
can be input during the same instruction, but upon a
completed write cycle, a page would only contain the
last 32 bytes.
The region of the array defined within Block Protection
cannot be modified as long as that block configuration is
selected. The region of the array outside the Block
Protection can only be modified if Write Enable (WEN) is
set to 1. Therefore, it may be necessary that a WREN
instruction occur prior to WRITE. Hardware Write
Protection has no affect on the memory array. Once
Write is completed, WEN is reset for complete chip
write protection. (See Figure 7 for timing).
Table 4. Write Protection
WPEN
WP
WP
WP
WP
WP
Hardware Write
WEN
Inside Block
Outside Block
Status Register
Protection
(WPEN, BP1, BP0)
0
X
Not Enabled
0
Read-only
Read-only
Read-only
0
X
Not Enabled
1
Read-only
Unprotected
Unprotected
1
0
Enabled
0
Read-only
Read-only
Read-only
1
0
Enabled
1
Read-only
Unprotected
Read-only
X
1
Not Enabled
0
Read-only
Read-only
Read-only
X
1
Not Enabled
1
Read-only
Unprotected
Unprotected
Note: X = Don't care bit.


Similar Part No. - IS25C32A-2GI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C32A-2GI ISSI-IS25C32A-2GI Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS25C32A-2GI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128A ISSI-IS25C128A Datasheet
201Kb / 17P
   128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C01 ISSI-IS25C01 Datasheet
132Kb / 17P
   1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com