Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS25C01-2PLI Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS25C01-2PLI
Description  1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C01-2PLI Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS25C01-2PLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25C01-2PLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C01-2PLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C01-2PLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C01-2PLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C01-2PLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C01-2PLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C01-2PLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25C01-2PLI Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Integrated Silicon Solution, Inc. — 1-800-379-4774
Preliminary Information
Rev. 00B
12/23/05
IS25C01
ISSI®
WRITE STATUS REGISTER (WRSR)
This instruction lets the user choose a Block Protection
setting. The values of the other data bits incorporated
into WRSR can be 0 or 1, and are not stored in the
Status Register. WRSR will be ignored unless both the
following are true: a) WEN = 1, due to a prior WREN
instruction; and b) Hardware Write Protection is not
enabled. (See Table 4 for details). Except for the
RDY
status, the values in the Status Register remain un-
changed until the moment when the write cycle is
complete and the register is updated. Once successfully
completed, WEN is reset for complete chip write protec-
tion. (See Figure 5 for timing).
READ DATA (READ)
This instruction begins with the op-code and the 8-bit
address, and causes the selected data byte to be
shifted out on SO. Following this first data byte, addi-
tional sequential bytes are output. If the data byte in the
highest address is output, the address rolls-over to the
lowest address in the array, and the output could loop
indefinitely. At any time, a rising
CS signal completes
the operation. (See Figure 6 for timing).
WRITE DATA (WRITE)
The WRITE instruction begins with the op-code, the 8-bit
address of the first byte to be modified, and the first data
byte. Additional data bytes may be written sequentially
to the array after the first byte. Each WRITE instruction
can affect the contents of a 8 byte page, but no more.
The page begins at address XXXXX 000, and ends with
XXXXX 111. If the last byte of the page is input, the
address rolls over to the beginning of the same page.
More than 8 data bytes can be input during the same
instruction, but upon a completed write cycle, a page
would only contain the last 8 bytes.
The region of the array defined within Block Protection
cannot be modified as long as that block configuration is
selected. The region of the array outside the Block
Protection can only be modified if Write Enable (WEN) is
set to 1. Therefore, it may be necessary that a WREN
instruction occur prior to WRITE. In addition, if Hardware
Write Protection is enabled, the memory array cannot be
modified. Once Write is successfully completed, WEN
is reset for complete chip write protection. (See Figure 7
for timing).
Table 4. Write Protection
WP
WP
WP
WP
WP
Hardware Write
WEN
Inside Block
Outside Block
Status Register
Protection
0
Enabled
X
Read-only
Read-only
Read-only
1
Not Enabled
0
Read-only
Read-only
Read-only
1
Not Enabled
1
Read-only
Unprotected
Unprotected
Note: X = Don't care bit.


Similar Part No. - IS25C01-2PLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02-2GI ISSI-IS25C02-2GI Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02-2GLI ISSI-IS25C02-2GLI Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02-2PI ISSI-IS25C02-2PI Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02-2PLI ISSI-IS25C02-2PLI Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS25C01-2PLI

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS25C128A ISSI-IS25C128A Datasheet
201Kb / 17P
   128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
   8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
   8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A Datasheet
134Kb / 17P
   32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com