Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS24C128A-2PI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS24C128A-2PI
Description  128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C128A-2PI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS24C128A-2PI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS24C128A-2PI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS24C128A-2PI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C128A-2PI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C128A-2PI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C128A-2PI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C128A-2PI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C128A-2PI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C128A-2PI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
3
ADVANCEDINFORMATION
Rev. 00B
06/27/06
ISSI®
IS24C128A
IS24C256A
PIN CONFIGURATION
8-Pin DIP and SOIC
SCL
This input clock pin is used to synchronize the data transfer
to and from the device.
SDA
The SDA is a Bi-directional pin used to transfer addresses
and data into and out of the device. The SDA pin is an open
drain output and can be wire Or'ed with other open drain or
open collector outputs. The SDA bus
requires a pullup
resistor to Vcc.
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
PIN DESCRIPTIONS
A0-A2
Address Inputs
SDA
Serial Address/Data I/O
SCL
Serial Clock Input
WP
Write Protect Input
Vcc
Power Supply
NC
No Connect
GND
Ground
A0, A1, A2
The A0, A1, and A2 are the device address inputs that are
hardwired or left not connected for hardware compatibility
with the IS24C32A/64A. When pins are hardwired, as many
as eight 256K devices may be addressed on a single bus
system. When the pins are not hardwired, the default values
of A0, A1, and A2 are zero.
WP
WP is the Write Protect pin. If the WP pin is tied to Vcc
the entire array becomes Write Protected (Read only).
When WP is tied to GND or left floating, normal read/write
operations are allowed to the device.


Similar Part No. - IS24C128A-2PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C128 ISSI-IS24C128 Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128-2 ISSI-IS24C128-2 Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128-3 ISSI-IS24C128-3 Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128-3G ISSI-IS24C128-3G Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128-3GI ISSI-IS24C128-3GI Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C128A-2PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128_05 Datasheet
444Kb / 12P
   128K/256K-Bit SPI Serial CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256_15 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
HT24LC256 HOLTEK-HT24LC256 Datasheet
1Mb / 12P
   CMOS 256K 2-Wire Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com