Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCU5N60 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FCU5N60
Description  600V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCU5N60 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FCU5N60 Datasheet HTML 1Page - Fairchild Semiconductor FCU5N60 Datasheet HTML 2Page - Fairchild Semiconductor FCU5N60 Datasheet HTML 3Page - Fairchild Semiconductor FCU5N60 Datasheet HTML 4Page - Fairchild Semiconductor FCU5N60 Datasheet HTML 5Page - Fairchild Semiconductor FCU5N60 Datasheet HTML 6Page - Fairchild Semiconductor FCU5N60 Datasheet HTML 7Page - Fairchild Semiconductor FCU5N60 Datasheet HTML 8Page - Fairchild Semiconductor FCU5N60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.fairchildsemi.com
FCD5N60/FCU5N60 Rev. A0
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperatue
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
2
468
10
10
-1
10
0
10
1
* Note
1. V
DS = 40V
2. 250µs Pulse Test
-55
oC
150
oC
25
oC
V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom : 5.5 V
* Notes :
1. 250µs Pulse Test
2. T
C = 25
oC
V
DS, Drain-Source Voltage [V]
24
6
8
10
10
-1
10
0
10
1
* Note
1. V
DS = 40V
2. 250µs Pulse Test
-55
oC
150
oC
25
oC
V
GS , Gate-Source Voltage [V]
0.0
2.5
5.0
7.5
10.0
12.5
15.0
0.5
1.0
1.5
2.0
2.5
3.0
V
GS = 20V
V
GS = 10V
* Note : T
J = 25
oC
I
D, Drain Current [A]
05
10
15
0
2
4
6
8
10
12
V
DS = 250V
V
DS = 100V
V
DS = 400V
* Note : I
D = 4.6A
Q
G, Total Gate Charge [
oC]
10
0
10
1
0
500
1000
1500
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
*Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]


Similar Part No. - FCU5N60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCU5N60 ISC-FCU5N60 Datasheet
364Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FCU5N60TU FAIRCHILD-FCU5N60TU Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FCU5N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com