Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2030Y-70 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS2030Y-70
Description  Single-Piece 256kb Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2030Y-70 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS2030Y-70 Datasheet HTML 4Page - Maxim Integrated Products DS2030Y-70 Datasheet HTML 5Page - Maxim Integrated Products DS2030Y-70 Datasheet HTML 6Page - Maxim Integrated Products DS2030Y-70 Datasheet HTML 7Page - Maxim Integrated Products DS2030Y-70 Datasheet HTML 8Page - Maxim Integrated Products DS2030Y-70 Datasheet HTML 9Page - Maxim Integrated Products DS2030Y-70 Datasheet HTML 10Page - Maxim Integrated Products DS2030Y-70 Datasheet HTML 11Page - Maxim Integrated Products DS2030Y-70 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Read Mode
The DS2030 executes a read cycle whenever WE (write
enable) is inactive (high) and CE (chip enable) is active
(low). The unique address specified by the 15 address
inputs (A0 to A14) defines which of the 32,768 bytes of
data is to be accessed. Valid data will be available to the
eight data output drivers within tACC (access time) after
the last address input signal is stable, providing that CE
and OE (output enable) access times are also satisfied.
If CE and OE access times are not satisfied, then data
access must be measured from the later occurring sig-
nal (CE or OE) and the limiting parameter is either tCO for
CE or tOE for OE rather than address access.
Write Mode
The DS2030 executes a write cycle whenever the CE
and WE signals are active (low) after address inputs
are stable. The later-occurring falling edge of CE or WE
will determine the start of the write cycle. The write
cycle is terminated by the earlier rising edge of CE or
WE. All address inputs must be kept valid throughout
the write cycle. WE must return to the high state for a
minimum recovery time (tWR) before another cycle can
be initiated. The OE control signal should be kept inac-
tive (high) during write cycles to avoid bus contention.
However, if the output drivers have been enabled (CE
and OE active) then WE will disable the outputs in tODW
from its falling edge.
Data-Retention Mode
The DS2030AB provides full functional capability for
VCC greater than 4.75V and write-protects at 4.5V. The
DS2030Y provides full functional capability for VCC
greater than 4.5V and write-protects at 4.25V. Data is
maintained in the absence of VCC without additional
support circuitry. The NV static RAM constantly moni-
tors VCC. Should the supply voltage decay, the NV
SRAM automatically write-protects itself. All inputs
become “don’t care”, and all data outputs become high
impedance. As VCC falls below approximately 2.7V
(VSW), the power-switching circuit connects the lithium
energy source to the RAM to retain data. During power-
up, when VCC rises above VSW, the power-switching
circuit connects external VCC to the RAM and discon-
nects the lithium energy source. Normal RAM operation
can resume after VCC exceeds VTP for a minimum
duration of tREC.
Battery Charging
When VCC is greater than VTP, an internal regulator
charges the battery. The UL-approved charger circuit
includes short-circuit protection and a temperature-sta-
bilized voltage reference for on-demand charging of
the internal battery. Typical data-retention expectations
of 3 years per charge cycle are achievable.
A maximum of 96 hours of charging time is required to
fully charge a depleted battery.
System Power Monitoring
When the external VCC supply falls below the selected
out-of-tolerance trip point, the output RST is forced
active (low). Once active, the RST is held active until
the VCC supply has fallen below that of the internal bat-
tery. On power-up, the RST output is held active until
the external supply is greater than the selected trip
point and one reset timeout period (tRPU) has elapsed.
This is sufficiently longer than tREC to ensure that the
SRAM is ready for access by the microprocessor.
Freshness Seal and Shipping
The DS2030 is shipped from Dallas Semiconductor with
the lithium battery electrically disconnected, guarantee-
ing that no battery capacity has been consumed during
transit or storage. As shipped, the lithium battery is
~60% charged, and no preassembly charging opera-
tions should be attempted.
When VCC is first applied at a level greater than VTP,
the lithium battery is enabled for backup operation. A
96 hour initial battery charge time is recommended for
new system installations.
DS2030Y/AB Single-Piece 256kb
Nonvolatile SRAM
10
____________________________________________________________________
Memory Operation Truth Table
X = Don’t care.
WE
CE
OE
MODE
ICC
OUTPUTS
100
Read
Active
Active
101
Read
Active
High Impedance
00
XWrite
Active
High Impedance
X1
X
Standby
Standby
High Impedance


Similar Part No. - DS2030Y-70

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2030L MAXIM-DS2030L Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
DS2030L-100# MAXIM-DS2030L-100# Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
DS2030W-100 MAXIM-DS2030W-100 Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
More results

Similar Description - DS2030Y-70

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2030L MAXIM-DS2030L Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
DS3030W MAXIM-DS3030W Datasheet
282Kb / 18P
   3.3V Single-Piece 256kb Nonvolatile SRAM with Clock
Rev 2; 10/06
logo
Dallas Semiconductor
DS3030W DALLAS-DS3030W Datasheet
549Kb / 18P
   3.3V Single-Piece 256kb Nonvolatile SRAM with Clock
DS2045Y DALLAS-DS2045Y Datasheet
428Kb / 12P
   Single-Piece 1Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS2045W MAXIM-DS2045W Datasheet
192Kb / 12P
   3.3V Single-Piece 1Mb Nonvolatile SRAM
Rev 1; 1/05
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS2070W MAXIM-DS2070W Datasheet
218Kb / 12P
   3.3V Single-Piece 16Mb Nonvolatile SRAM
Rev 0; 8/06
DS2045L MAXIM-DS2045L Datasheet
180Kb / 12P
   DS2045L 3.3V Single-Piece 1Mb Nonvolatile SRAM
Rev 3; 10/06
DS2045AB MAXIM-DS2045AB Datasheet
222Kb / 12P
   DS2045Y/AB Single-Piece 1Mb Nonvolatile SRAM
Rev 4; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com