Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2030AB-100 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS2030AB-100
Description  Single-Piece 256kb Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2030AB-100 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS2030AB-100 Datasheet HTML 1Page - Maxim Integrated Products DS2030AB-100 Datasheet HTML 2Page - Maxim Integrated Products DS2030AB-100 Datasheet HTML 3Page - Maxim Integrated Products DS2030AB-100 Datasheet HTML 4Page - Maxim Integrated Products DS2030AB-100 Datasheet HTML 5Page - Maxim Integrated Products DS2030AB-100 Datasheet HTML 6Page - Maxim Integrated Products DS2030AB-100 Datasheet HTML 7Page - Maxim Integrated Products DS2030AB-100 Datasheet HTML 8Page - Maxim Integrated Products DS2030AB-100 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DS2030Y/AB Single-Piece 256kb
Nonvolatile SRAM
_____________________________________________________________________
3
POWER-DOWN/POWER-UP TIMING
(TA = -40
°C to +85°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Fail Detect to CE and WE Inactive
tPD
(Note 7)
1.5
µs
VCC Slew from VTP to 0V
tF
150
µs
VCC Slew from 0V to VTP
tR
150
µs
VCC Valid to CE and WE Inactive
tPU
2ms
VCC Valid to End of Write Protection
tREC
125
ms
VCC Fail Detect to RST Active
tRPD
(Note 1)
3.0
µs
VCC Valid to RST Inactive
tRPU
(Note 1)
225
350
525
ms
DATA RETENTION
(TA = +25
°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Expected Data-Retention Time (Per Charge)
tDR
(Note 8)
2
3
years
AC ELECTRICAL CHARACTERISTICS
(VCC = 5V ±5% for DS2030AB, VCC = 5V ±10% for DS2030Y, TA = -40
°C to +85°C.)
DS2030AB-70
DS2030Y-70
DS2030AB-100
DS2030Y-100
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
MIN
MAX
UNITS
Read Cycle Time
tRC
70
100
ns
Access Time
tACC
70
100
ns
OE to Output Valid
tOE
35
50
ns
CE to Output Valid
tCO
70
100
ns
OE or CE to Output Active
tCOE
(Note 2)
5
5
ns
Output High Impedance from
Deselection
tOD
(Note 2)
25
35
ns
Output Hold from Address Change
tOH
55
ns
Write Cycle Time
tWC
70
100
ns
Write Pulse Width
tWP
(Note 3)
55
75
ns
Address Setup Time
tAW
00
ns
tWR1
(Note 4)
5
5
Write Recovery Time
tWR2
(Note 5)
15
15
ns
Output High Impedance from WE
tODW
(Note 2)
25
35
ns
Output Active from WE
tOEW
(Note 2)
5
5
ns
Data Setup Time
tDS
(Note 6)
30
40
ns
tDH1
(Note 4)
0
0
Data Hold Time
tDH2
(Note 5)
10
10
ns


Similar Part No. - DS2030AB-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2030L MAXIM-DS2030L Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
DS2030L-100# MAXIM-DS2030L-100# Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
DS2030W-100 MAXIM-DS2030W-100 Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
More results

Similar Description - DS2030AB-100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2030L MAXIM-DS2030L Datasheet
181Kb / 12P
   DS2030L 3.3V Single-Piece 256kb Nonvolatile SRAM
Rev 3; 10/06
DS3030W MAXIM-DS3030W Datasheet
282Kb / 18P
   3.3V Single-Piece 256kb Nonvolatile SRAM with Clock
Rev 2; 10/06
logo
Dallas Semiconductor
DS3030W DALLAS-DS3030W Datasheet
549Kb / 18P
   3.3V Single-Piece 256kb Nonvolatile SRAM with Clock
DS2045Y DALLAS-DS2045Y Datasheet
428Kb / 12P
   Single-Piece 1Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS2045W MAXIM-DS2045W Datasheet
192Kb / 12P
   3.3V Single-Piece 1Mb Nonvolatile SRAM
Rev 1; 1/05
DS2030W MAXIM-DS2030W Datasheet
610Kb / 12P
   3.3V Single-Piece 256k Nonvolatile SRAM
Rev 0; 10/04
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
   3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS2070W MAXIM-DS2070W Datasheet
218Kb / 12P
   3.3V Single-Piece 16Mb Nonvolatile SRAM
Rev 0; 8/06
DS2045L MAXIM-DS2045L Datasheet
180Kb / 12P
   DS2045L 3.3V Single-Piece 1Mb Nonvolatile SRAM
Rev 3; 10/06
DS2045AB MAXIM-DS2045AB Datasheet
222Kb / 12P
   DS2045Y/AB Single-Piece 1Mb Nonvolatile SRAM
Rev 4; 10/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com