Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62VV5128LL-100HI Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC62VV5128LL-100HI
Description  512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62VV5128LL-100HI Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC62VV5128LL-100HI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62VV5128LL-100HI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62VV5128LL-100HI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62VV5128LL-100HI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62VV5128LL-100HI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62VV5128LL-100HI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62VV5128LL-100HI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62VV5128LL-100HI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62VV5128LL-100HI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Integrated Circuit Solution Inc.
5
LPSR020-0A 11/26/2001
IC62VV5128L
IC62VV5128LL
IC62VV5128L POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-
55
-
70
-
100
Symbol Parameter
TestConditions
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating
VCC = 1.8V,
CE = VIL
Com.
20
15
10
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
20
15
10
ICC2
Vcc Dynamic Operating
VCC = 1.8V,
Com.
2
2
2
mA
Supply Current
IOUT = 0 mA
Ind.
2
2
2
CE ≤ VIL ,f = 1MHZ
ISB2
CMOS Standby
VCC = Max., f = 0
Com.
35
35
35
µA
Current (CMOS Inputs)
1) CE ≥ VCC – 0.2V, (CE Control)
Ind.
50
50
50
2) UB, LB ≥ VCC – 0.2V, (UB, LB Control)
VIN
≥ VCC – 0.2V or VIN ≤ 0.2V
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
IC62VV5128LL POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-55
-
70
-
100
Symbol Parameter
TestConditions
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating
VCC = 3V,
CE = VIL
Com.
20
15
10
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
20
15
10
ICC2
Vcc Dynamic Operating
VCC = 1.8V,
Com.
2
2
2
mA
Supply Current
IOUT = 0 mA,
Ind.
2
2
2
CE ≤ VIL ,f = 1MHZ
ISB2
CMOS Standby
VCC = Max., f = 0
Com.
15
15
15
µA
Current (CMOS Inputs)
1) CE ≥ VCC – 0.2V, (CE Control)
Ind.
20
20
20
2) UB, LB ≥ VCC – 0.2V, (UB, LB Control)
VIN
≥ VCC – 0.2V or VIN ≤ 0.2V
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.


Similar Part No. - IC62VV5128LL-100HI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV51216L ICSI-IC62VV51216L Datasheet
273Kb / 12P
   512K x 16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV51216L-100B ICSI-IC62VV51216L-100B Datasheet
273Kb / 12P
   512K x 16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV51216L-100BI ICSI-IC62VV51216L-100BI Datasheet
273Kb / 12P
   512K x 16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV51216L-100T ICSI-IC62VV51216L-100T Datasheet
273Kb / 12P
   512K x 16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV51216L-100TI ICSI-IC62VV51216L-100TI Datasheet
273Kb / 12P
   512K x 16 bit 1.8V and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62VV5128LL-100HI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV51216L ICSI-IC62VV51216L Datasheet
273Kb / 12P
   512K x 16 bit 1.8V and Ultra Low Power CMOS Static RAM
logo
Integrated Silicon Solu...
62WV5128ALL ISSI-62WV5128ALL Datasheet
85Kb / 14P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV5128DALL ISSI-IS62WV5128DALL Datasheet
525Kb / 18P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V4M08A TMT-T15V4M08A Datasheet
74Kb / 11P
   512K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV5128BLL-55HLI ISSI-IS62WV5128BLL-55HLI Datasheet
286Kb / 17P
   512K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1048L PYRAMID-P4C1048L Datasheet
156Kb / 12P
   LOW POWER 512K x 8 CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62VV12816L ICSI-IC62VV12816L Datasheet
255Kb / 11P
   128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV25616LL ICSI-IC62VV25616LL Datasheet
321Kb / 11P
   256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
logo
Integrated Silicon Solu...
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C1804096 MOSEL-V62C1804096 Datasheet
157Kb / 10P
   512K X 8, CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com