Electronic Components Datasheet Search |
|
IS62LV2568LL-55H Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc |
|
IS62LV2568LL-55H Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc |
2 / 10 page 2 Integrated Circuit Solution Inc. SR025_0C IS62LV2568L IS62LV2568LL 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 A11 A9 A8 A13 WE CE2 A15 Vcc A17 A16 A14 A12 A7 A6 A5 A4 OE A10 CE1 I/O7 I/O6 I/O5 I/O4 I/O3 GND I/O2 I/O1 I/O0 A0 A1 A2 A3 PIN CONFIGURATIONS 32-Pin 8*20mm TSOP-1, 8*13.4mm STSOP-1 PIN DESCRIPTIONS A0-A17 Address Inputs CE1 Chip Enable 1 Input CE2 Chip Enable 2 Input OE Output Enable Input WE Write Enable Input I/O0-I/O7 Data Input/Output NC No Connection Vcc Power GND Ground 48-Pin 6*8mm TF-BGA 1 2 3 4 5 6 A B C D E F G H A0 A1 CE2 A3 A6 A8 I/O4 A2 WE A4 A7 I/O0 I/O5 NC A5 I/O1 GND Vcc Vcc GND I/O6 NC A17 I/O2 I/O7 OE CE1 A16 A15 I/O3 A9 A10 A11 A12 A13 A14 OPERATING RANGE Range Ambient Temperature VCC Commercial 0°C to +70°C 2.7V - 3.6V Industrial 40°C to +85°C 2.7V - 3.6V |
Similar Part No. - IS62LV2568LL-55H |
|
Similar Description - IS62LV2568LL-55H |