Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75V16F64GS16 Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # 75V16F64GS16
Description  64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

75V16F64GS16 Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button 75V16F64GS16 Datasheet HTML 7Page - Integrated Silicon Solution, Inc 75V16F64GS16 Datasheet HTML 8Page - Integrated Silicon Solution, Inc 75V16F64GS16 Datasheet HTML 9Page - Integrated Silicon Solution, Inc 75V16F64GS16 Datasheet HTML 10Page - Integrated Silicon Solution, Inc 75V16F64GS16 Datasheet HTML 11Page - Integrated Silicon Solution, Inc 75V16F64GS16 Datasheet HTML 12Page - Integrated Silicon Solution, Inc 75V16F64GS16 Datasheet HTML 13Page - Integrated Silicon Solution, Inc 75V16F64GS16 Datasheet HTML 14Page - Integrated Silicon Solution, Inc 75V16F64GS16 Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
11
PRELIMINARY INFORMATION
Rev. 00A
08/01/02
75V16F64GS16
ISSI®
SECTOR ADDRESS TABLE (Continued)
Bank Address
Sector Address
Address Range
Bank
Sector
A21 A20 A19 A18 A17 A16 A15 A14 A13 A12
Word Mode
Bank B
SA33
0011010X
X
X
0D0000h to 0D7FFFh
Bank B
SA34
0011011X
X
X
0D8000h to 0DFFFFh
Bank B
SA35
0011100X
X
X
0E0000h to 0E7FFFh
Bank B
SA36
0011101X
X
X
0E8000h to 0EFFFFh
Bank B
SA37
0011110X
X
X
0F0000h to 0F7FFFh
Bank B
SA38
0011111X
X
X
0F8000h to 0FFFFFh
Bank B
SA39
0100000X
X
X
100000h to 107FFFh
Bank B
SA40
0100001X
X
X
108000h to 10FFFFh
Bank B
SA41
0100010X
X
X
110000h to 117FFFh
Bank B
SA42
0100011X
X
X
118000h to 11FFFFh
Bank B
SA43
0100100X
X
X
120000h to 127FFFh
Bank B
SA44
0100101X
X
X
128000h to 12FFFFh
Bank B
SA45
0100110X
X
X
130000h to 137FFFh
Bank B
SA46
0100111X
X
X
138000h to 13FFFFh
Bank B
SA47
0101000X
X
X
140000h to 147FFFh
Bank B
SA48
0101001X
X
X
148000h to 14FFFFh
Bank B
SA49
0101010X
X
X
150000h to 157FFFh
Bank B
SA50
0101011X
X
X
158000h to 15FFFFh
Bank B
SA51
0101100X
X
X
160000h to 167FFFh
Bank B
SA52
0101101X
X
X
168000h to 16FFFFh
Bank B
SA53
0101110X
X
X
170000h to 177FFFh
Bank B
SA54
0101111X
X
X
178000h to 17FFFFh
Bank B
SA55
0110000X
X
X
180000h to 187FFFh
Bank B
SA56
0110001X
X
X
188000h to 18FFFFh
Bank B
SA57
0110010X
X
X
190000h to 197FFFh
Bank B
SA58
0110011X
X
X
198000h to 19FFFFh
Bank B
SA59
0110100X
X
X
1A0000h to 1A7FFFh
Bank B
SA60
0110101X
X
X
1A8000h to 1AFFFFh
Bank B
SA61
0110110X
X
X
1B0000h to 1B7FFFh
Bank B
SA62
0110111X
X
X
1B8000h to 1BFFFFh
Bank B
SA63
0111000X
X
X
1C0000h to 1C7FFFh
Bank B
SA64
0111001X
X
X
1C8000h to 1CFFFFh
Bank B
SA65
0111010X
X
X
1D0000h to 1D7FFFh


Similar Description - 75V16F64GS16

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM49LV4608M SPANSION-AM49LV4608M Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49LV6408M SPANSION-AM49LV6408M Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit)
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com