Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC89E58-40PQ Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IC89E58-40PQ
Description  8-BITS SINGLE MICROCONTROLLER with 16/32/64-Kbytes of FLASH, 256 byte 512 byte RAM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC89E58-40PQ Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IC89E58-40PQ Datasheet HTML 2Page - Integrated Circuit Solution Inc IC89E58-40PQ Datasheet HTML 3Page - Integrated Circuit Solution Inc IC89E58-40PQ Datasheet HTML 4Page - Integrated Circuit Solution Inc IC89E58-40PQ Datasheet HTML 5Page - Integrated Circuit Solution Inc IC89E58-40PQ Datasheet HTML 6Page - Integrated Circuit Solution Inc IC89E58-40PQ Datasheet HTML 7Page - Integrated Circuit Solution Inc IC89E58-40PQ Datasheet HTML 8Page - Integrated Circuit Solution Inc IC89E58-40PQ Datasheet HTML 9Page - Integrated Circuit Solution Inc IC89E58-40PQ Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
IC89E54/58/64
6
Integrated CircuitSolution Inc.
MC012-0C 11/16/2001
Table 1. Detailed Pin Description (continued)
Symbol
PDIP
PLCC
PQFP
I/O
Name and Function
P3.0-P3.7
10-17
11, 13-19
5, 7-13
I/O
Port 3: Port 3 is an 8-bit bi-directional I/O port with internal
pullups. Port 3 pins that have 1s written to them are pulled high
by the internal pullups and can be used as inputs. As inputs, port
3 pins that are externally pulled low will source current because
of the internal pullups.
Port 3 also serves the special features of the IC89E54/58/64, as
listed below:
10
11
5
I
RxD (P3.0): Serial input port.
11
13
7
O
TxD (P3.1): Serial output port.
12
14
8
I
INT0
INT0
INT0
INT0
INT0 (P3.2): External interrupt. Serve as A14 during memory
program and verification.
13
15
9
I
INT1
INT1
INT1
INT1
INT1 (P3.3): External interrupt. Serve as A15 during memory
program and verification.
14
16
10
I
T0 (P3.4): Timer 0 external input.
15
17
11
I
T1 (P3.5): Timer 1 external input.
16
18
12
O
WR
WR
WR
WR
WR (P3.6):External data memory write strobe. Control signal
during memory program, verification and erase.
17
19
13
O
RD
RD
RD
RD
RD (P3.7): External data memory read strobe. Control signal
during memory program, verification and erase.
P4.0-P4.3
23
17
I/O
Port 4: In mode 0, Port 4 is an 8-bit bi-directional I/O port
34
29
with internal pullups. Port 4 pins that have 1s written to them are
1
39
pulled high by the internal pullups and can be used as inputs.
12
6
As inputs, port 4 pins that are externally pulled low will source
current because of the internal pullups.
In mode 1, 2, 3, Port 4 is an address strobe signal which appears
with
RD or WR signals.
12
6
Port 4 also serves the special features, as listed below:
139
INT2
INT2
INT2
INT2
INT2 (P4.3): External interrupt
INT3
INT3
INT3
INT3
INT3 (P4.2): External interrupt
RST
9
10
4
I
Reset: A high on this pin for two machine cycles while the
oscillator is running resets the device. An internal resistor to
VSS permits a power-on reset using only an external capacitor.
A small internal resistor permits power-on reset using only a
capacitor connected to VCC.
RST is an input control signal during memory program and
verification.
XTAL 2
18
20
14
O
Crystal 2: Output from the inverting oscillator amplifier.
XTAL 1
19
21
15
I
Crystal 1: Input to the inverting oscillator amplifier and input
to the internal clock generator circuits.


Similar Part No. - IC89E58-40PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC89C51A-12PL ICSI-IC89C51A-12PL Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C51A-12PQ ICSI-IC89C51A-12PQ Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C51A-12W ICSI-IC89C51A-12W Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C51A-24PL ICSI-IC89C51A-24PL Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
IC89C51A-24PQ ICSI-IC89C51A-24PQ Datasheet
131Kb / 22P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 8(4)-Kbytes of FLASH
More results

Similar Description - IC89E58-40PQ

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC89C54 ICSI-IC89C54 Datasheet
142Kb / 24P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER with 16/32/64-Kbytes of FLASH
logo
Sanyo Semicon Device
LC868364A SANYO-LC868364A Datasheet
741Kb / 29P
   8-Bit Single Chip Microcontroller with 64K-Byte ROM and 512-Byte RAM On Chip
logo
ATMEL Corporation
T89C51RC2 ATMEL-T89C51RC2 Datasheet
251Kb / 9P
   8-bit Microcontroller with 16 Kbytes/ 32 Kbytes FLASH
logo
Sanyo Semicon Device
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC865520B SANYO-LC865520B Datasheet
662Kb / 21P
   8-Bit Single Chip Microcontroller with On-Chip 20/16/12/08/04K-Byte ROM and 512-Byte RAM
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC877816A SANYO-LC877816A Datasheet
133Kb / 21P
   CMOS IC 16KB-byte and 512-byte RAM 8-bit 1-chip Microcontroller
LC87FBK08A SANYO-LC87FBK08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC88FC3H0A ONSEMI-LC88FC3H0A Datasheet
418Kb / 48P
   16-bit Microcontroller 512K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
LC88FC3J0A ONSEMI-LC88FC3J0A Datasheet
418Kb / 48P
   16-bit Microcontroller 640K-byte Flash ROM / 47.5K-byte RAM / 100-pin
January 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com