Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GMS81C1404SK Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GMS81C1404SK
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GMS81C1404SK Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GMS81C1404SK Datasheet HTML 1Page - List of Unclassifed Manufacturers GMS81C1404SK Datasheet HTML 2Page - List of Unclassifed Manufacturers GMS81C1404SK Datasheet HTML 3Page - List of Unclassifed Manufacturers GMS81C1404SK Datasheet HTML 4Page - List of Unclassifed Manufacturers GMS81C1404SK Datasheet HTML 5Page - List of Unclassifed Manufacturers GMS81C1404SK Datasheet HTML 6Page - List of Unclassifed Manufacturers GMS81C1404SK Datasheet HTML 7Page - List of Unclassifed Manufacturers GMS81C1404SK Datasheet HTML 8Page - List of Unclassifed Manufacturers GMS81C1404SK Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 98 page
background image
GMS81C1404/GMS81C1408
SEP. 2004 Ver 1.3
1
GMS81C1404 / GMS81C1408
CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
1. OVERVIEW
1.1 Description
The GMS81C1404 and GMS81C1408 are an advanced CMOS 8-bit microcontroller with 4K/8K bytes of ROM. The Mag-
naChip semiconductor’s GMS81C1404 and GMS81C1408 are a powerful microcontroller which provides a highly flexible
and cost effective solution to many small applications such as controller for battery charger. The GMS81C1404 and
GMS81C1408 provide the following standard features: 4K/8K bytes of ROM, 192 bytes of RAM, 8-bit timer/counter, 8-bit
A/D converter, 10-bit high speed PWM output, programmable buzzer driving port, 8-bit serial communication port, on-chip
oscillator and clock circuitry. In addition, the GMS81C1404 and GMS81C1408 supports power saving modes to reduce pow-
er consumption.
1.2 Features
• 4K/8K Bytes On-chip Program Memory
• 192 Bytes of On-chip Data RAM
(Included stack memory)
• Instruction Cycle Time:
- 250nS at 8MHz
• 23 Programmable I/O pins
(LED direct driving can be source and sink)
• 2.2V to 5.5V Wide Operating Range
• One 8-bit A/D Converter
• One 8-bit Basic Interval Timer
• Four 8-bit Timer / Counters
• Two 10-bit High Speed PWM Outputs
• Watchdog timer (can be operate with internal
RC-oscillation)
• One 8-bit Serial Peripheral Interface
• Twelve Interrupt sources
- External input: 4
- A/D Conversion: 1
- Serial Peripheral Interface: 1
- Timer: 6
• One Programmable Buzzer Driving port
- 500Hz ~ 130kHz
• Oscillator Type
- Crystal
- Ceramic Resonator
• Noise Immunity Circuit
- Power Fail Processor
• Power Down Mode
- STOP mode
- Wake-up Timer mode
Device name
ROM Size
EPROM Size
RAM Size
Operatind
Voltage
Package
GMS81C1404
4K bytes
-
192bytes
2.2 ~ 5.5V
28 SKDIP or SOP
GMS81C1408
8K bytes
-
192bytes
2.2 ~ 5.5V
28 SKDIP or SOP
GMS87C1404
-
4K bytes
192bytes
2.5 ~ 5.5V
28 SKDIP or SOP
GMS87C1408
-
8K bytes
192bytes
2.5 ~ 5.5V
28 SKDIP or SOP


Similar Part No. - GMS81C1404SK

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C1404SK HYNIX-GMS81C1404SK Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - GMS81C1404SK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com