Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62LV1024ALL-55TI Datasheet(PDF) 10 Page - Integrated Circuit Solution Inc

Part # IC62LV1024ALL-55TI
Description  128K x 8 Ultra Low Power and Low VCC SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV1024ALL-55TI Datasheet(HTML) 10 Page - Integrated Circuit Solution Inc

Back Button IC62LV1024ALL-55TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV1024ALL-55TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV1024ALL-55TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV1024ALL-55TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV1024ALL-55TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV1024ALL-55TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV1024ALL-55TI Datasheet HTML 9Page - Integrated Circuit Solution Inc IC62LV1024ALL-55TI Datasheet HTML 10Page - Integrated Circuit Solution Inc IC62LV1024ALL-55TI Datasheet HTML 11Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Integrated Circuit Solution Inc.
LPSR017-0A 09/13/2001
IC62LV1024AL
IC62LV1024ALL
DATA RETENTION WAVEFORM (CE2 Controlled)
VCC
CE2
≤ 0.2V
tSDR
tRDR
VDR
0.4V
CE2
GND
3.0V
2.2V
Data Retention Mode
IC62LV1024AL
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed (ns) Order Part No.
Package
45
IC62LV1024AL-45Q
450milSOP
IC62LV1024AL-45T
8*20mmTSOP-1
IC62LV1024AL-45H
8*13.4mmTSOP-1
IC62LV1024AL-45B
6*8mmTF-BGA
55
IC62LV1024AL-55Q
450milSOP
IC62LV1024AL-55T
8*20mmTSOP-1
IC62LV1024AL-55H
8*13.4mmTSOP-1
IC62LV1024AL-55B
6*8mmTF-BGA
70
IC62LV1024AL-70Q
450milSOP
IC62LV1024AL-70T
8*20mmTSOP-1
IC62LV1024AL-70H
8*13.4mmTSOP-1
IC62LV1024AL-70B
6*8mmTF-BGA
IC62LV1024AL
ORDERING INFORMATION
Industrial Range: –40°C to +85°C
Speed (ns) Order Part No.
Package
45
IC62LV1024AL-45QI
450milSOP
IC62LV1024AL-45TI
8*20mmTSOP-1
IC62LV1024AL-45HI
8*13.4mmTSOP-1
IC62LV1024AL-45BI
6*8mmTF-BGA
55
IC62LV1024AL-55QI
450milSOP
IC62LV1024AL-55TI
8*20mmTSOP-1
IC62LV1024AL-55HI
8*13.4mmTSOP-1
IC62LV1024AL-55BI
6*8mmTF-BGA
70
IC62LV1024AL-70QI
450milSOP
IC62LV1024AL-70TI
8*20mmTSOP-1
IC62LV1024AL-70HI
8*13.4mmTSOP-1
IC62LV1024AL-70BI
6*8mmTF-BGA


Similar Part No. - IC62LV1024ALL-55TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV1008L ICSI-IC62LV1008L Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-100B ICSI-IC62LV1008L-100B Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-100BI ICSI-IC62LV1008L-100BI Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-55B ICSI-IC62LV1008L-55B Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-55BI ICSI-IC62LV1008L-55BI Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV1024ALL-55TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS62LV1024L ICSI-IS62LV1024L Datasheet
132Kb / 10P
   128K x 8 LOW POWER AND LOW Vcc
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
AMIC Technology
LP61L1024 AMICC-LP61L1024 Datasheet
178Kb / 16P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
LP61L1024 AMICC-LP61L1024_15 Datasheet
208Kb / 14P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62UV1024 BSI-BS62UV1024 Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1027 BSI-BS62UV1027 Datasheet
434Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com