Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62LV1024ALL-45BI Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC62LV1024ALL-45BI
Description  128K x 8 Ultra Low Power and Low VCC SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV1024ALL-45BI Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC62LV1024ALL-45BI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV1024ALL-45BI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV1024ALL-45BI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV1024ALL-45BI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV1024ALL-45BI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV1024ALL-45BI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV1024ALL-45BI Datasheet HTML 9Page - Integrated Circuit Solution Inc IC62LV1024ALL-45BI Datasheet HTML 10Page - Integrated Circuit Solution Inc IC62LV1024ALL-45BI Datasheet HTML 11Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Integrated Circuit Solution Inc.
LPSR017-0A 09/13/2001
IC62LV1024AL
IC62LV1024ALL
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range, Standard and Low
Power)
-45
-55
-70
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tWC
Write Cycle Time
45
55
70
ns
tSCE1
CE1 to Write End
35
50
60
ns
tSCE2
CE2 to Write End
35
50
60
ns
tAW
Address Setup Time to Write End
35
50
60
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Setup Time
0
0
0
ns
tPWE(4)
WE Pulse Width
35
40
55
ns
tSD
Data Setup to Write End
25
25
30
ns
tHD
Data Hold from Write End
0
0
0
ns
tHZWE(2) WE LOW to High-Z Output
15
20
0
25
ns
tLZWE(2) WE HIGH to Low-Z Output
5
5
5
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0.4V to 2.2V
and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of
CE1 LOW, CE2 HIGH and WE LOW. All signals must be in valid states to
initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the
rising or falling edge of the signal that terminates the Write.
4. Tested with
OE HIGH.
DATA-IN VALID
DATA UNDEFINED
tWC
tSCE1
tSCE2
tAW
tHA
tPWE(4)
tHZWE
HIGH-Z
tLZWE
tSA
tSD
tHD
ADDRESS
CE1
CE2
WE
DOUT
DIN
AC WAVEFORMS
WRITE CYCLE NO. 1 (
WE
WE
WE
WE
WE Controlled)(1,2)


Similar Part No. - IC62LV1024ALL-45BI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV1008L ICSI-IC62LV1008L Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-100B ICSI-IC62LV1008L-100B Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-100BI ICSI-IC62LV1008L-100BI Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-55B ICSI-IC62LV1008L-55B Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV1008L-55BI ICSI-IC62LV1008L-55BI Datasheet
152Kb / 11P
   1 M x 8 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV1024ALL-45BI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS62LV1024L ICSI-IS62LV1024L Datasheet
132Kb / 10P
   128K x 8 LOW POWER AND LOW Vcc
logo
Integrated Silicon Solu...
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
V62C3801024L MOSEL-V62C3801024L Datasheet
91Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
AMIC Technology
LP61L1024 AMICC-LP61L1024 Datasheet
178Kb / 16P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
LP61L1024 AMICC-LP61L1024_15 Datasheet
208Kb / 14P
   128K X 8 BIT 3.3V HIGH SPEED LOW VCC CMOS SRAM
logo
Integrated Circuit Solu...
IC62C1024AL ICSI-IC62C1024AL Datasheet
142Kb / 9P
   128K x 8 Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62UV1024 BSI-BS62UV1024 Datasheet
390Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62UV1027 BSI-BS62UV1027 Datasheet
434Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 128K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com