Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62LV25616L-100BI Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IC62LV25616L-100BI
Description  256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV25616L-100BI Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC62LV25616L-100BI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62LV25616L-100BI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV25616L-100BI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV25616L-100BI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV25616L-100BI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV25616L-100BI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV25616L-100BI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV25616L-100BI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV25616L-100BI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Integrated Circuit Solution Inc.
LPSR013-0D 10/11/2002
IC62LV25616L
IC62LV25616LL
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to Vcc + 0.5
V
TBIAS
Temperature Under Bias
–40 to +85
°C
VCC
Vcc related to GND
–0.3 to +4.0
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.0
W
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
CAPACITANCE(1)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
8
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = –1 mA
2.4
V
VOL
Output LOW Voltage
IOL = 2.1 mA
0.4
V
VIH(1)
Input HIGH Voltage
2.2
VCC + 0.2
V
VIL(2)
Input LOW Voltage
–0.2
0.4
V
ILI
Input Leakage
GND
≤ VIN ≤ VCC
–1
1
µA
ILO
Output Leakage
GND
≤ VOUT ≤ VCC, OUTPUTS DISABLED
–1
1
µA
Notes:
1. VIH(max.) = VCC+2.0V for pulse width less than 10 ns.
2. VIL(min.) = –2.0V for pulse width less than 10 ns.
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
2.7V- 3.6V
Industrial
–40°C to +85°C
2.7V - 3.6V


Similar Part No. - IC62LV25616L-100BI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV256 ICSI-IC62LV256 Datasheet
88Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
IC62LV256-100J ICSI-IC62LV256-100J Datasheet
88Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
IC62LV256-100JI ICSI-IC62LV256-100JI Datasheet
88Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
IC62LV256-100N ICSI-IC62LV256-100N Datasheet
88Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
IC62LV256-100T ICSI-IC62LV256-100T Datasheet
88Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
More results

Similar Description - IC62LV25616L-100BI

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T4016V3C SAMSUNG-K6T4016V3C Datasheet
154Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62VV25616LL ICSI-IC62VV25616LL Datasheet
321Kb / 11P
   256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
KM6164000B SAMSUNG-KM6164000B Datasheet
151Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6F4016U6G SAMSUNG-K6F4016U6G Datasheet
180Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016U4G SAMSUNG-K6F4016U4G Datasheet
173Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6X4016C3F SAMSUNG-K6X4016C3F Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com