Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62LV12816L-70BI Datasheet(PDF) 1 Page - Integrated Circuit Solution Inc

Part # IC62LV12816L-70BI
Description  128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV12816L-70BI Datasheet(HTML) 1 Page - Integrated Circuit Solution Inc

  IC62LV12816L-70BI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62LV12816L-70BI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV12816L-70BI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV12816L-70BI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV12816L-70BI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV12816L-70BI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV12816L-70BI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV12816L-70BI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV12816L-70BI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Integrated Circuit Solution Inc.
1
LPSR011-0B 06/06/2001
IC62LV12816L
IC62LV12816LL
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
DESCRIPTION
The
1+51 IC62LV12816LandIC62LV12816LLarehigh-speed,
2.097,152-bit static RAMs organized as 131,072 words by 16
bits. They are fabricated using
1+51'shigh-performanceCMOS
technology. This highly reliable process coupled with innova-
tive circuit design techniques, yields high-performance and
low power consumption devices.
When CE is HIGH (deselected) or when CE is low and both LB
and UB are HIGH, the device assumes a standby mode at
which the power dissipation can be reduced by using CMOS
input levels.
Easy memory expansion is provided by using Chip Enable
Output and Enable inputs, CE and OE. The active LOW Write
Enable (WE) controls both writing and reading of the memory.
A data byte allows Upper Byte (UB) and Lower Byte (LB)
access.
The IC62LV12816L and IC62LV12816LL are packaged in the
JEDEC standare 44-pin 400mil TSOP-2 and 48-pin 6*8mm
T.-BGA.
.UNCTIONAL BLOCK DIAGRAM
A0-A16
CE
OE
WE
128K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB
IC62LV12816L
IC62LV12816LL
128K x 16 LOW VOLTAGE, ULTRA
LOW POWER CMOS STATIC RAM
.EATURES
• High-speed access times: 55, 70, 100 ns
• CMOS low power operation
-- 60 mW (typical) operating
-- 3 µW (typical) CMOS standby
• TTL compatible interface levels
• Single 2.7V-3.6V Vcc power supply
• .ully static operation: no clock or refresh re-
quired
• Three state outputs
• Data control for upper and lower bytes
• Industrial temperature available
• Available in the 44-pin TSOP-2 and 48-pin
6*8mm T.-BGA


Similar Part No. - IC62LV12816L-70BI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV12816DL ICSI-IC62LV12816DL Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV12816DL-100B ICSI-IC62LV12816DL-100B Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV12816DL-100BI ICSI-IC62LV12816DL-100BI Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV12816DL-100T ICSI-IC62LV12816DL-100T Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV12816DL-100TI ICSI-IC62LV12816DL-100TI Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV12816L-70BI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V2M16B TMT-T15V2M16B Datasheet
93Kb / 12P
   128K X 16 LOW POWER CMOS STATIC RAM?
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com