Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62LV51216L-100T Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IC62LV51216L-100T
Description  512 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV51216L-100T Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IC62LV51216L-100T Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV51216L-100T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV51216L-100T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV51216L-100T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV51216L-100T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV51216L-100T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV51216L-100T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV51216L-100T Datasheet HTML 9Page - Integrated Circuit Solution Inc IC62LV51216L-100T Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Integrated Circuit Solution Inc.
LPSR014-0C 1/22/2003
IC62LV51216L
IC62LV51216LL
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-55
-70
-100
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
55
70
100
ns
tAA
Address Access Time
55
70
100
ns
tOHA
Output Hold Time
10
10
15
ns
tACE
CE Access Time
55
70
100
ns
tDOE
OE Access Time
30
38
50
ns
tHZOE(2) OE to High-Z Output
20
25
30
ns
tLZOE(2) OE to Low-Z Output
5
5
5
ns
tHZCE(2) CE1 or CE2 to High-Z Output
0
20
0
25
0
30
ns
tLZCE(2) CE1 and CE2 to Low-Z Output
10
10
10
ns
tBA
LB, UB Access Time
55
70
100
ns
tHZB
LB, UB o High-Z Output
0
25
0
25
0
35
ns
tLZB
LB. UB to Low-Z Output
0
0
0
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels
of 0.4V to 2.2V and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
IC62LV51216LL POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-55
-70
-100
Symbol Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating
VCC = 3.0V
Com.
25
20
15
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
30
25
20
Com.
30*
25*
20*
Ind.
35*
30*
25*
ISB1
TTL Standby Current
VCC = Max.,
Com.
0.2
0.2
0.2
mA
(TTL Inputs)
VIN = VIH or VIL,
Ind.
0.3
0.3
0.3
CE1 = VIH, CE2 = VIL
Com.
0.7*
0.7*
0.7*
Ind.
0.8*
0.8*
0.8*
ISB2
CMOS Standby
VCC = Max., f = 0
Com.
15
15
15
µA
Current (CMOS Inputs)
CE1
≥ VCC – 0.2V,
Ind.
25
25
25
or CE2
≤ 0.2V
Com.
20*
20*
20*
other input = 0-VCC, f = 0
Ind.
30*
30*
30*
OR
ULB Control
VCC = Max., CE1 = VIL, CE2 = VIH
VIN
≤ 0.2V, f = 0, UB / LB ≥ VCC – 0.2V
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
*. For TSOP-2


Similar Part No. - IC62LV51216L-100T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV5128L ICSI-IC62LV5128L Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV5128L-100B ICSI-IC62LV5128L-100B Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV5128L-100BI ICSI-IC62LV5128L-100BI Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV5128L-100H ICSI-IC62LV5128L-100H Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV5128L-100HI ICSI-IC62LV5128L-100HI Datasheet
179Kb / 11P
   512Kx8 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV51216L-100T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV12816DL ICSI-IC62LV12816DL Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62U6416LL ISSI-IS62U6416LL Datasheet
82Kb / 9P
   64K x 16 LOW VOLTAGE, ULTRA-LOW POWER CMOS STATIC RAM
IS62WV6416ALL ISSI-IS62WV6416ALL Datasheet
111Kb / 17P
   64K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62C51216AL ISSI-IS62C51216AL Datasheet
469Kb / 15P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com