Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62VV51216LL Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc

Part # IC62VV51216LL
Description  512K x 16 bit 1.8V and Ultra Low Power CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62VV51216LL Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc

  IC62VV51216LL Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62VV51216LL Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62VV51216LL Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62VV51216LL Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62VV51216LL Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62VV51216LL Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62VV51216LL Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62VV51216LL Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62VV51216LL Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Integrated Circuit Solution Inc.
LPSR018-0B 9/02/2002
IC62VV51216L
IC62VV51216LL
ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors
which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc.
DESCRIPTION
The
ICSI IC62VV51216L and IC62VV51216LL are low-power,
8.388,608 bit static RAMs organized as 524,288 words by 16
bits. They are fabricated using
ICSI's high-performance CMOS
technology. This highly reliable process coupled with innova-
tive circuit design techniques, yields high-performance and
low power consumption devices.
When CE1 is HIGH or CE2 is Low (deselected) or both
LB and
UB are HIGH, the device assumes a standby mode at which
the power dissipation can be reduced by using CMOS input
levels.
Easy memory expansion is provided by using Chip Enable
Output and Enable inputs, CE1, CE2 and
OE. The active LOW
Write Enable (
WE) controls both writing and reading of the
memory. A data byte allows Upper Byte (
UB) and Lower Byte
(
LB) access.
The IC62VV51216L and IC62VV51216LL are packaged in the
JEDEC standare 44-pin TSOP-2 and 48-pin 8*10mm TF-BGA.
FUNCTIONAL BLOCK DIAGRAM
512K x 16 1.8V ULTRA
LOW POWER CMOS STATIC RAM
FEATURES
• High-speed access times: 70, 100 ns
• CMOS low power operation
-- 20 mW (typical) operating
-- 5 µW (typical) CMOS standby
• TTL compatible interface levels
• Single 1.65V-2.2V Vcc power supply
• Fully static operation: no clock or refresh re-
quired
• Three state outputs
• Data control for upper and lower bytes
• Industrial temperature available
• Available in the know good die form 44-pin
TSOP-2 and 48-pin 8*10mm TF-BGA
A0-A18
CE2
OE
WE
512K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VCC
I/O
DATA
CIRCUIT
CE1
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB


Similar Part No. - IC62VV51216LL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV5128L ICSI-IC62VV5128L Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L-100B ICSI-IC62VV5128L-100B Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L-100BI ICSI-IC62VV5128L-100BI Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L-100H ICSI-IC62VV5128L-100H Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV5128L-100HI ICSI-IC62VV5128L-100HI Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62VV51216LL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62VV5128L ICSI-IC62VV5128L Datasheet
166Kb / 11P
   512K x 8 bit 1.8V and Ultra Low Power CMOS Static RAM
logo
Integrated Silicon Solu...
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
T15V8M16A ETC-T15V8M16A Datasheet
87Kb / 12P
   512K X 16 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C51216AL ISSI-IS62C51216AL Datasheet
469Kb / 15P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
EM512D16 ETC1-EM512D16 Datasheet
54Kb / 9P
   512K x 16 bit Ultra-Low Power Asynchronous Static RAM
logo
Emerging Memory & Logic...
EM681FV16A EMLSI-EM681FV16A Datasheet
385Kb / 10P
   512K x 16 bit Low Power and Low Voltage Full CMOS Static RAM
EM680FV16A EMLSI-EM680FV16A Datasheet
96Kb / 11P
   512K x 16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Integrated Circuit Solu...
IC62VV12816L ICSI-IC62VV12816L Datasheet
255Kb / 11P
   128Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62VV25616LL ICSI-IC62VV25616LL Datasheet
321Kb / 11P
   256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
logo
Integrated Silicon Solu...
IS62VV25616L ISSI-IS62VV25616L Datasheet
56Kb / 10P
   256K x 16 LOW VOLTAGE, 1.8V ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com