Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62C1024AL-70Q Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC62C1024AL-70Q
Description  128K x 8 Low Power CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62C1024AL-70Q Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC62C1024AL-70Q Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62C1024AL-70Q Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62C1024AL-70Q Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62C1024AL-70Q Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62C1024AL-70Q Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62C1024AL-70Q Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62C1024AL-70Q Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62C1024AL-70Q Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62C1024AL-70Q Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Integrated Circuit Solution Inc.
5
ALSR009-0A 5/7/2002
IC62C1024AL
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
-35
-45
-55
-70
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tRC
Read Cycle Time
35
45
55
70
ns
tAA
Address Access Time
35
45
55
70
ns
tOHA
Output Hold Time
3
3
3
3
ns
tACE1
CE1 Access Time
35
45
55
70
ns
tACE2
CE2 Access Time
35
45
55
70
ns
tDOE
OE Access Time
10
20
25
35
ns
tLZOE(2)
OE to Low-Z Output
0
0
0
0
ns
tHZOE(2) OE to High-Z Output
0
10
0
15
0
20
0
25
ns
tLZCE1(2) CE1 to Low-Z Output
3
5
7
10
ns
tLZCE2(2) CE2 to Low-Z Output
3
5
7
10
ns
tHZCE(2) CE1 or CE2 to High-Z Output
0
10
0
15
0
20
0
25
ns
Notes:
1. Test conditions assume signal transition times of 5 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V
and output loading specified in Figure 1a.
2. Tested with the load in Figure 1b. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
AC TEST CONDITIONS
Parameter
Unit
Input Pulse Level
0V to 3.0V
Input Rise and Fall Times
5 ns
Input and Output Timing
1.5V
and Reference Level
Output Load
See Figures 1a and 1b
AC TEST LOADS
Figure 1a.
Figure 1b.
480
5 pF
Including
jig and
scope
255
OUTPUT
5V
480
100 pF
Including
jig and
scope
255
OUTPUT
5V


Similar Part No. - IC62C1024AL-70Q

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62C1024 ICSI-IC62C1024 Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35Q ICSI-IC62C1024-35Q Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35QI ICSI-IC62C1024-35QI Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35T ICSI-IC62C1024-35T Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35TI ICSI-IC62C1024-35TI Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - IC62C1024AL-70Q

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Mosel Vitelic, Corp
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY621024 LYONTEK-LY621024_16 Datasheet
908Kb / 20P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS1008 ETC1-UC62LS1008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM 128K x 8 Bits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com