Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC61SF12832-10TQI Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IC61SF12832-10TQI
Description  128K x 32 Flow Through SyncBurst SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61SF12832-10TQI Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC61SF12832-10TQI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61SF12832-10TQI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61SF12832-10TQI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61SF12832-10TQI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61SF12832-10TQI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61SF12832-10TQI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61SF12832-10TQI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61SF12832-10TQI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61SF12832-10TQI Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IC61SF12832
IC61SF12836
4
Integrated Circuit Solution Inc.
SSR018-0A
09/17/2001
PIN CONFIGURATION
PIN DESCRIPTIONS
A0, A1
Synchronous Address Inputs. These
pins must tied to the two LSBs of the
address bus.
A2-A16
Synchronous Address Inputs
CLK
Synchronous Clock
ADSP
Synchronous Processor Address
Status
ADSC
Synchronous Controller Address
Status
ADV
Synchronous Burst Address Advance
BW1-BW4
Synchronous Byte Write Enable
BWE
Synchronous Byte Write Enable
GW
Synchronous Global Write Enable
CE, CE2, CE2 Synchronous Chip Enable
OE
Output Enable
DQa-DQd
Synchronous Data Input/Output
MODE
Burst Sequence Mode Selection
VCC
+3.3V Power Supply
GND
Ground
VCCQ
Isolated Output Buffer Supply:
+3.3V
ZZ
Snooze Enable
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VCCQ
NC
NC
DQc1
DQc2
VCCQ
DQc5
DQc7
VCCQ
DQd1
DQd4
VCCQ
DQd6
DQd8
NC
NC
VCCQ
A6
CE2
A7
NC
DQc3
DQc4
DQc6
DQc8
VCC
DQd2
DQd3
DQd5
DQd7
NC
A5
NC
NC
A4
A3
A2
GND
GND
GND
BW3
GND
NC
GND
BW4
GND
GND
GND
MODE
A10
NC
ADSP
ADSC
VCC
NC
CE
OE
ADV
GW
VCC
CLK
NC
BWE
A1
A0
VCC
A11
NC
A8
A9
A12
GND
GND
GND
BW2
GND
NC
GND
BW1
GND
GND
GND
GND
A14
NC
A16
CE2
A15
NC
DQb6
DQb5
DQb4
DQb2
VCC
DQa7
DQa5
DQa4
DQa3
NC
A13
NC
NC
VCCQ
NC
NC
DQb8
DQb7
VCCQ
DQb3
DQb1
VCCQ
DQa8
DQa6
VCCQ
DQa2
DQa1
NC
ZZ
VCCQ
1
2
3
4
5
6
7
NC
DQb8
DQb7
VCCQ
GND
DQb6
DQb5
DQb4
DQb3
GND
VCCQ
DQb2
DQb1
GND
NC
VCC
ZZ
DQa8
DQa7
VCCQ
GND
DQa6
DQa5
DQa4
DQa3
GND
VCC
DQa2
DQa1
NC
NC
DQc1
DQc2
VCCQ
GND
DQc3
DQc4
DQc5
DQc6
GND
VCCQ
DQc7
DQc8
GNDQ
VCC
NC
GND
DQd1
DQd2
VCCQ
GND
DQd3
DQd4
DQd5
DQd6
GND
VCCQ
DQd7
DQd8
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
100-Pin LQFP
119-pin PBGA (Top View)
128K x 32


Similar Part No. - IC61SF12832-10TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61SF25632D ICSI-IC61SF25632D Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
IC61SF25632D-6.5B ICSI-IC61SF25632D-6.5B Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
IC61SF25632D-6.5BI ICSI-IC61SF25632D-6.5BI Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
IC61SF25632D-6.5TQ ICSI-IC61SF25632D-6.5TQ Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
IC61SF25632D-6.5TQI ICSI-IC61SF25632D-6.5TQI Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
More results

Similar Description - IC61SF12832-10TQI

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Circuit Solu...
IC61SP12832 ICSI-IC61SP12832 Datasheet
254Kb / 16P
   128K x 32 Pipelined SyncBurst SRAM
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
logo
Micron Technology
MT58L256V36F MICRON-MT58L256V36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Cypress Semiconductor
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
logo
Cypress Semiconductor
CY7C1338F CYPRESS-CY7C1338F Datasheet
405Kb / 17P
   4-Mb (128K x 32) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G Datasheet
291Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com