Electronic Components Datasheet Search |
|
IC42S32800L-6T Datasheet(PDF) 2 Page - Integrated Circuit Solution Inc |
|
IC42S32800L-6T Datasheet(HTML) 2 Page - Integrated Circuit Solution Inc |
2 / 62 page IC42S32800 IC42S32800L 2 Integrated Circuit Solution Inc. DR046-0B 12/21/2004 ICSI reserves the right to make changes to its products at any time without notice in order to improve design and supply the best possible product. We assume no responsibility for any errors which may appear in this publication. © Copyright 2000, Integrated Circuit Solution Inc. 2M Words x 32 Bits x 4 Banks (256-MBIT) SYNCHRONOUS DYNAMIC RAM FEATURES · Concurrent auto precharge · Clock rate:166/143 MHz · Fully synchronous operation · Internal pipelined architecture · Four internal banks (2M x 32bit x 4bank) · Programmable Mode -CAS#Latency:2 or 3 -Burst Length:1,2,4,8,or full page -Burst Type:interleaved or linear burst -Burst-Read-Single-Write · Burst stop function · Individual byte controlled by DQM0-3 · Auto Refresh and Self Refresh · 4096 refresh cycles/64ms (15.6 µs/row) · Single +3.3V ±0.3V power supply · Interface:LVTTL · Package: 86 Pin TSOP-2,0.50mm Pin Pitch 8x13mm, 90 Ball BGA, Ball pitch 0.8mm · Pb-free package is available. DESCRIPTION The ICSI IC42S32800 and IC42S32800L is a high-speed CMOS configured as a quad 2M x 32 DRAM with a synchronous interface (all signals are registered on the positive edge of the clock signal,CLK). Each of the 2M x 32 bit banks is organized as 4096 rows by 512 columns by 32 bits.Read and write accesses start at a selected locations in a programmed sequence. Accesses begin with the registration of a BankActive command which is then followed by a Read or Write command The ICSI IC42S32800 and IC42S32800L provides for programmable Read or Write burst lengths of 1,2,4,8,or full page, with a burst termination operation. An auto precharge function may be enable to provide a self-timed row precharge that is initiated at the end of the burst sequence.The refresh functions,either Auto or Self Refresh are easy to use. By having a programmable mode register,the system can choose the most suitable modes to maximize its performance. These devices are well suited for applications requiring high memory bandwidth. |
Similar Part No. - IC42S32800L-6T |
|
Similar Description - IC42S32800L-6T |