Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC61SF12832-12B Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC61SF12832-12B
Description  128K x 32 Flow Through SyncBurst SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61SF12832-12B Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC61SF12832-12B Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61SF12832-12B Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61SF12832-12B Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61SF12832-12B Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61SF12832-12B Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61SF12832-12B Datasheet HTML 9Page - Integrated Circuit Solution Inc IC61SF12832-12B Datasheet HTML 10Page - Integrated Circuit Solution Inc IC61SF12832-12B Datasheet HTML 11Page - Integrated Circuit Solution Inc IC61SF12832-12B Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
IC61SF12832
IC61SF12836
8
Integrated Circuit Solution Inc.
SSR018-0A
09/17/2001
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0oC to +70oC
3.3V
+10%, -5%
Industrial
-40oC to +85oC
3.3V
+10%, -5%
DC ELECTRICAL CHARACTERISTICS(1) (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = -4.0 mA
2.4
V
VOL
Output LOW Voltage
IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VCC + 0.3
V
VIL
Input LOW Voltage
-0.3
0.8
V
ILI
Input Leakage Current
GND
≤ VIN ≤ VCCQ(2)
Com.
-2
2
µA
Ind.
-5
5
ILO
Output Leakage Current
GND
≤ VOUT ≤ VCCQ, OE = VIH Com.
-2
2
µA
Ind.
-5
5
POWER SUPPLY CHARACTERISTICS (Over Operating Range)
7.5
8
8.5
10
12
Symbol
Parameter
TestConditions
Max.
Max.
Max.
Max.
Max.
Unit
ICC
AC Operating
Device Selected,
Com.
270
250
230
190
170
mA
Supply Current
All Inputs = VIL or VIH
Ind.
260
240
200
180
OE = VIH, Vcc = Max.
Cycle Time
≥ tKC min.
ISB
Standby Current
Device Deselected,
Com.
50
50
50
50
50
mA
VCC = Max.,
Ind.
60
60
60
60
All Inputs = VIH or VIL
CLK Cycle Time
≥ tKC min.
IZZ
Power-down
ZZ= VCCQ
Com.
10
10
10
10
10
mA
Mode Current
Clock Running
Ind.
15
15
15
15
All Inputs
≤ GND + 0.2V
or
≥ Vcc - 0.2V
Notes:
1. The MODE pin has an internal pullup. This pin may be a No Connect, tied to GND, or tied to VCCQ.
2. The MODE pin should be tied to Vcc or GND. It exhibits
±10 µA maximum leakage current when tied to ≤ GND + 0.2V
or
≥ Vcc - 0.2V.


Similar Part No. - IC61SF12832-12B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61SF25632D ICSI-IC61SF25632D Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
IC61SF25632D-6.5B ICSI-IC61SF25632D-6.5B Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
IC61SF25632D-6.5BI ICSI-IC61SF25632D-6.5BI Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
IC61SF25632D-6.5TQ ICSI-IC61SF25632D-6.5TQ Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
IC61SF25632D-6.5TQI ICSI-IC61SF25632D-6.5TQI Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
More results

Similar Description - IC61SF12832-12B

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT58L128L18F MICRON-MT58L128L18F Datasheet
481Kb / 24P
   2Mb: 128K x 18, 64K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT58L128V36F1 MICRON-MT58L128V36F1 Datasheet
194Kb / 3P
   4Mb: 256K x 18, 128K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Integrated Circuit Solu...
IC61SP12832 ICSI-IC61SP12832 Datasheet
254Kb / 16P
   128K x 32 Pipelined SyncBurst SRAM
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
logo
Micron Technology
MT58L256V36F MICRON-MT58L256V36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
logo
Cypress Semiconductor
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
logo
Alliance Semiconductor ...
AS7C33128FT32B ALSC-AS7C33128FT32B Datasheet
416Kb / 19P
   3.3V 128K x 32/36 Flow Through Synchronous SRAM
logo
Cypress Semiconductor
CY7C1338F CYPRESS-CY7C1338F Datasheet
405Kb / 17P
   4-Mb (128K x 32) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G Datasheet
291Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
logo
AMIC Technology
A67L83161 AMICC-A67L83161 Datasheet
271Kb / 19P
   256K X 16/18, 128K X 32/36 LVTTL, Flow-through DBA SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com