Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC61S25636T-166TQI Datasheet(PDF) 11 Page - Integrated Circuit Solution Inc

Part # IC61S25636T-166TQI
Description  8Mb SyncBurst Pipelined SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61S25636T-166TQI Datasheet(HTML) 11 Page - Integrated Circuit Solution Inc

Back Button IC61S25636T-166TQI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61S25636T-166TQI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61S25636T-166TQI Datasheet HTML 9Page - Integrated Circuit Solution Inc IC61S25636T-166TQI Datasheet HTML 10Page - Integrated Circuit Solution Inc IC61S25636T-166TQI Datasheet HTML 11Page - Integrated Circuit Solution Inc IC61S25636T-166TQI Datasheet HTML 12Page - Integrated Circuit Solution Inc IC61S25636T-166TQI Datasheet HTML 13Page - Integrated Circuit Solution Inc IC61S25636T-166TQI Datasheet HTML 14Page - Integrated Circuit Solution Inc IC61S25636T-166TQI Datasheet HTML 15Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
IC61S25632T/D IC61S25636T/D
IC61S51218T/D
Integrated Circuit Solution Inc.
11
SSR014-0B 08/13/2002
INTERLEAVED BURST ADDRESS TABLE (MODE = VCC or No Connect)
External Address
1st Burst Address
2nd Burst Address
3rd Burst Address
A1 A0
A1 A0
A1 A0
A1 A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
LINEAR BURST ADDRESS TABLE (MODE = GND)
ABSOLUTE MAXIMUM RATINGS (1)
Symbol
Parameter
Value
Unit
TBIAS
Temperature Under Bias
–40 to +85
°C
TSTG
Storage Temperature
–55 to +150
°C
PD
Power Dissipation
1.6
W
IOUT
Output Current (per I/O)
100
mA
VIN, VOUT
Voltage Relative to GND for I/O Pins
–0.5 to VCCQ + 0.5
V
VIN
Voltage Relative to GND for
–0.5 to VCC + 0.5
V
for Address and Control Inputs
VCC
Voltage on Vcc Supply Relatiive to GND
–0.5 to 4.6
V
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause perma-nent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
reliability.
2. This device contains circuity to protect the inputs against damage due to high static voltages or electric fields; however, precautions
may be taken to avoid application of any voltage higher than maximum rated voltages to this high-impedance circuit.
3. This device contains circuitry that will ensure the output devices are in High-Z at power up.
0,0
1,0
0,1
A1', A0' = 1,1


Similar Part No. - IC61S25636T-166TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IC61S6432-117PQ ICSI-IC61S6432-117PQ Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IC61S6432-117PQI ICSI-IC61S6432-117PQI Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IC61S6432-117TQ ICSI-IC61S6432-117TQ Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IC61S6432-117TQI ICSI-IC61S6432-117TQI Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
More results

Similar Description - IC61S25636T-166TQI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
logo
Micron Technology
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
logo
Integrated Circuit Solu...
IC61SP12832 ICSI-IC61SP12832 Datasheet
254Kb / 16P
   128K x 32 Pipelined SyncBurst SRAM
logo
Micron Technology
MT58L256L36D MICRON-MT58L256L36D Datasheet
546Kb / 26P
   8Mb: 512K x 18, 256K x 32/36 3.3V I/O, PIPELINED, DCD SYNCBURST SRAM
MT58L1MY18D MICRON-MT58L1MY18D Datasheet
526Kb / 34P
   16Mb SYNCBURST??SRAM
MT58L256V36F MICRON-MT58L256V36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT55L512L18P-1 MICRON-MT55L512L18P-1 Datasheet
497Kb / 30P
   8Mb ZBT SRAM
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com