Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62LV12816LL Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # IC62LV12816LL
Description  128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62LV12816LL Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

Back Button IC62LV12816LL Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62LV12816LL Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62LV12816LL Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62LV12816LL Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62LV12816LL Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62LV12816LL Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62LV12816LL Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62LV12816LL Datasheet HTML 9Page - Integrated Circuit Solution Inc IC62LV12816LL Datasheet HTML 10Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Integrated Circuit Solution Inc.
9
LPSR011-0B 06/06/2001
IC62LV12816L
IC62LV12816LL
DATA RETENTION SWITCHING CHARACTERISTICS (L/LL)
Symbol
Parameter
Test Condition
Min.
Max.
Unit
VDR
Vcc for Data Retention
See Data Retention Waveform
1.5
3.6
V
IDR
Data Retention Current
Vcc = 2.0V, CE ³ Vcc – 0.2V
Com. (-L)
—
20
µA
Com. (-LL)
—
5
µA
Ind. (-L)
—
25
µA
Ind. (-LL)
—
7
µA
tSDR
Data Retention Setup Time See Data Retention Waveform
0
—
ns
tRDR
Recovery Time
See Data Retention Waveform
tRC
—ns
WRITE CYCLE NO. 4 (UB / LB Controlled)
DATA UNDEFINED
t WC
ADDRESS 1
ADDRESS 2
t WC
HIGH-Z
t PWB
WORD 1
LOW
WORD 2
t HD
t SA
t HZWE
ADDRESS
CS
UB, LB
WE
DOUT
DIN
OE
DATAIN
VALID
t LZWE
t SD
t PWB
DATAIN
VALID
t SD
t HD
t SA
t HA
t HA
DATA RETENTION WAVE.ORM (CE Controlled)
VCC
CE
≥ VCC - 0.2V
tSDR
tRDR
VDR
CE
GND
2.7V
2.2V
Data Retention Mode


Similar Part No. - IC62LV12816LL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62LV12816DL ICSI-IC62LV12816DL Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV12816DL-100B ICSI-IC62LV12816DL-100B Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV12816DL-100BI ICSI-IC62LV12816DL-100BI Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV12816DL-100T ICSI-IC62LV12816DL-100T Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
IC62LV12816DL-100TI ICSI-IC62LV12816DL-100TI Datasheet
360Kb / 12P
   128 K x 16 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results

Similar Description - IC62LV12816LL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
   128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
   128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V2M16B TMT-T15V2M16B Datasheet
93Kb / 12P
   128K X 16 LOW POWER CMOS STATIC RAM?
logo
Integrated Silicon Solu...
IS62WV1288ALL ISSI-IS62WV1288ALL Datasheet
111Kb / 15P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62WV1288DALL ISSI-IS62WV1288DALL Datasheet
468Kb / 16P
   128K x 8 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV51216ALL ISSI-IS62WV51216ALL Datasheet
129Kb / 16P
   512K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com