Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC42S32800-7TG Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC42S32800-7TG
Description  2M x 32 Bit x 4 Banks (256-MBIT) SDRAM
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S32800-7TG Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC42S32800-7TG Datasheet HTML 1Page - Integrated Circuit Solution Inc IC42S32800-7TG Datasheet HTML 2Page - Integrated Circuit Solution Inc IC42S32800-7TG Datasheet HTML 3Page - Integrated Circuit Solution Inc IC42S32800-7TG Datasheet HTML 4Page - Integrated Circuit Solution Inc IC42S32800-7TG Datasheet HTML 5Page - Integrated Circuit Solution Inc IC42S32800-7TG Datasheet HTML 6Page - Integrated Circuit Solution Inc IC42S32800-7TG Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S32800-7TG Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S32800-7TG Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
IC42S32800
IC42S32800L
Integrated Circuit Solution Inc.
5
DR046-0B 12/21/2004
PIN FUNCTION
NC
-
No Connect:These pins should be left unconnected.
VDDQ
Supply
DQ Power:Provide isolated power to DQs for improved noise immunity.
VSSQ
Supply
DQ Ground:Provide isolated ground to DQs for improved noise immunity.
VDD
Supply
Power Supply:+3.3V ± 0.3V
VSS
Supply
Ground
PIN CONFIGURATIONS
86-Pin TSOP 2
90-Ball FBGA
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
(Top View)
DQ26
DQ24
Vss
DQ28
VDDQ
VSSQ
VSSQ
DQ27
DQ25
VSSQ
DQ29
DQ30
VDDQ
DQ31
NC
VSS
DQM3
A3
A4
A5
A6
A7
A8
NC
VDD
DQ23
DQ21
VDDQ
VSSQ
DQ19
DQ22
DQ20
VDDQ
DQ17
DQ18
VDDQ
NC
DQ16
VSSQ
A2
DQM2
VDD
A10
A0
A1
NC
BA1
A11
CLK
CKE
A9
DQM1
NC
NC
VDDQ
DQ8
VSS
VSSQ
DQ10
DQ9
VSSQ
DQ12
DQ14
BA0
CS
RAS
CAS
WE
DQM0
VDD
DQ7
VSSQ
DQ6
DQ5
VDDQ
DQ1
DQ3
VDDQ
DQ11
VDDQ
VSSQ
DQ13
DQ15
VSS
VDDQ
VSSQ
DQ4
VDD
DQ0
DQ2


Similar Part No. - IC42S32800-7TG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6B ICST-IC42S32200/L-6B Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BG ICST-IC42S32200/L-6BG Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BI ICST-IC42S32200/L-6BI Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S32200/L-6BIG ICST-IC42S32200/L-6BIG Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IC42S32800-7TG

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53D5121632A ESMT-M53D5121632A Datasheet
1Mb / 47P
   2M x 32 Bit x 4 Banks Mobile DDR SDRAM
M53D256328A ESMT-M53D256328A Datasheet
715Kb / 47P
   2M x 32 Bit x 4 Banks Mobile DDR SDRAM
logo
Integrated Circuit Solu...
IC42S32202L ICSI-IC42S32202L Datasheet
748Kb / 62P
   512K x 32 Bit x 4 Banks (64-MBIT) SDRAM
IC42S32400 ICSI-IC42S32400 Datasheet
899Kb / 62P
   1M x 32 Bit x 4 Banks (128-MBIT) SDRAM
IC43R16160 ICSI-IC43R16160 Datasheet
1Mb / 56P
   4M x 16 Bit x 4 Banks (256-MBIT) DDR SDRAM
IC42S16160 ICSI-IC42S16160 Datasheet
1Mb / 69P
   4M x 16Bit x 4 Banks (256-MBIT) SDRAM
logo
Winbond
W981216BH WINBOND-W981216BH Datasheet
1Mb / 41P
   2M x 4 BANKS x 16 BIT SDRAM
W981216AH WINBOND-W981216AH Datasheet
2Mb / 44P
   2M x 16 bit x 4 Banks SDRAM
logo
Elite Semiconductor Mem...
M13S256328A ESMT-M13S256328A Datasheet
786Kb / 47P
   2M x 32 Bit x 4 Banks Double Data Rate SDRAM
logo
Integrated Silicon Solu...
IS42S32800B ISSI-IS42S32800B Datasheet
927Kb / 62P
   2M Words x 32 Bits x 4 Banks (256-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com