Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC61SF6432-10PQI Datasheet(PDF) 7 Page - Integrated Circuit Solution Inc

Part # IC61SF6432-10PQI
Description  64K x 32 Flow Through Sync. SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61SF6432-10PQI Datasheet(HTML) 7 Page - Integrated Circuit Solution Inc

Back Button IC61SF6432-10PQI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61SF6432-10PQI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61SF6432-10PQI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61SF6432-10PQI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61SF6432-10PQI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61SF6432-10PQI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61SF6432-10PQI Datasheet HTML 9Page - Integrated Circuit Solution Inc IC61SF6432-10PQI Datasheet HTML 10Page - Integrated Circuit Solution Inc IC61SF6432-10PQI Datasheet HTML 11Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IC61SF6432
Integrated Circuit Solution Inc.
7
SSR017-0A
09/13/2001
OPERATING RANGE
Range
Ambient Temperature
VCC
Commercial
0°C to +70°C
3.3V +10%, –5%
Industrial
–40°C to +85°C
3.3V +10%, –5%
DC ELECTRICAL CHARACTERISTICS(1) (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
IOH = –5.0 mA
2.4
V
VOL
Output LOW Voltage
IOL = 5.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
VCCQ + 0.3
V
VIL
Input LOW Voltage
–0.3
0.8
V
ILI
Input Leakage Current
GND
≤ VIN ≤ VCCQ(2)
Com.
–5
5
µA
Ind.
–10
10
ILO
Output Leakage Current
GND
≤ VOUT ≤ VCCQ, OE = VIH
Com.
–5
5
µA
Ind.
–10
10
POWER SUPPLY CHARACTERISTICS (Over Operating Range)
-9
-10
Symbol Parameter
Test Conditions
Min. Typ. Max.
Min. Typ. Max.
Unit
ICC
AC Operating
Device Selected,
Com.
300
290
mA
Supply Current
All Inputs = VIL or VIH
Ind.
300
OE = VIH, Cycle Time ≥ tKC min.
ISB
Standby Current
Device Deselected,
Com.
60
60
mA
VCC = Max.,
Ind.
70
All Inputs = VIH or VIL
CLK Cycle Time
≥ tKC min.
IZZ
Power-Down Mode
ZZ = VCCQ,
Com.
10
10
CLK Running
Ind.
20
mA
Current
All Inputs
≤ GND + 0.2V
or
≥ VCC – 0.2V
Note:
1. MODE pin has an internal pull-up. ZZ pin has an internal pull-down. These pins may be a No Connect, tied to GND, or tied to
VCCQ.
2. MODE pin should be tied to Vcc or GND. They exhibit
±30 µA maximum leakage current when tied to GND + 0.2V or
Vcc – 0.2V.


Similar Part No. - IC61SF6432-10PQI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61SF12832 ICSI-IC61SF12832 Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
IC61SF12832-10B ICSI-IC61SF12832-10B Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
IC61SF12832-10TQ ICSI-IC61SF12832-10TQ Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
IC61SF12832-10TQI ICSI-IC61SF12832-10TQI Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
IC61SF12832-12B ICSI-IC61SF12832-12B Datasheet
174Kb / 17P
   128K x 32 Flow Through SyncBurst SRAM
More results

Similar Description - IC61SF6432-10PQI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1336F CYPRESS-CY7C1336F Datasheet
327Kb / 15P
   2-Mbit (64K x 32) Flow-Through Sync SRAM
CY7C1336H CYPRESS-CY7C1336H Datasheet
675Kb / 15P
   2-Mbit (64K x 32) Flow-Through Sync SRAM
CY7C1344H CYPRESS-CY7C1344H Datasheet
680Kb / 15P
   2-Mbit (64K x 36) Flow-Through Sync SRAM
CY7C1297F CYPRESS-CY7C1297F Datasheet
439Kb / 15P
   1-Mbit (64K x 18) Flow-Through Sync SRAM
CY7C1344F CYPRESS-CY7C1344F Datasheet
287Kb / 15P
   2-Mbit (64K x 36) Flow-Through Sync SRAM
CY7C1297H CYPRESS-CY7C1297H Datasheet
354Kb / 15P
   1-Mbit (64K x 18) Flow-Through Sync SRAM
logo
Integrated Circuit Syst...
IC61LV6432 ICST-IC61LV6432 Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
logo
Cypress Semiconductor
CY7C1214F CYPRESS-CY7C1214F Datasheet
290Kb / 15P
   1-Mb (32K x 32) Flow-Through Sync SRAM
CY7C1365C CYPRESS-CY7C1365C Datasheet
400Kb / 18P
   9-Mbit (256K x 32) Flow-Through Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com