Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC62C1024AL Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC62C1024AL
Description  128K x 8 Low Power CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC62C1024AL Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

  IC62C1024AL Datasheet HTML 1Page - Integrated Circuit Solution Inc IC62C1024AL Datasheet HTML 2Page - Integrated Circuit Solution Inc IC62C1024AL Datasheet HTML 3Page - Integrated Circuit Solution Inc IC62C1024AL Datasheet HTML 4Page - Integrated Circuit Solution Inc IC62C1024AL Datasheet HTML 5Page - Integrated Circuit Solution Inc IC62C1024AL Datasheet HTML 6Page - Integrated Circuit Solution Inc IC62C1024AL Datasheet HTML 7Page - Integrated Circuit Solution Inc IC62C1024AL Datasheet HTML 8Page - Integrated Circuit Solution Inc IC62C1024AL Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Integrated Circuit Solution Inc.
ALSR009-0A 5/7/2002
IC62C1024AL
WRITE CYCLE NO. 2 (
CE1
CE1
CE1
CE1
CE1, CE2 Controlled)(1,2)
HIGH-Z
DATA UNDEFINED
DATA-IN VALID
tWC
tSCE1
tSA
tHA
tSCE2
tPWE(4)
tAW
tHZWE
tSD
tHD
tLZWE
ADDRESS
DIN
CE1
CE2
WE
DOUT
Notes:
1. The internal write time is defined by the overlap of
CE1 LOW, CE2 HIGH and WE LOW. All signals must be in valid states to
initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the
rising or falling edge of the signal that terminates the Write.
2. I/O will assume the High-Z state if
OE = VIH.
DATA RETENTION SWITCHING CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Max.
Unit
VDR
Vcc for Data Retention
See Data Retention Waveform
2.0
5.5
V
IDR
Data Retention Current
Vcc = 3.0V,
CE1 > Vcc – 0.2V
Com.
250
µA
Ind.
400
tSDR
Data Retention Setup Time
See Data Retention Waveform
0
ns
tRDR
Recovery Time
See Data Retention Waveform
tRC
—ns
DATA RETENTION WAVEFORM (
CE1
CE1
CE1
CE1
CE1 Controlled)
VCC
CE1
≥ VCC - 0.2V
tSDR
tRDR
VDR
CE1
GND
5.0V
3.0V
Data Retention Mode


Similar Part No. - IC62C1024AL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC62C1024 ICSI-IC62C1024 Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35Q ICSI-IC62C1024-35Q Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35QI ICSI-IC62C1024-35QI Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35T ICSI-IC62C1024-35T Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
IC62C1024-35TI ICSI-IC62C1024-35TI Datasheet
121Kb / 8P
   128K X 8 HIGH SPEED CMOS STATIC RAM
More results

Similar Description - IC62C1024AL

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V62C2801024L MOSEL-V62C2801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Mosel Vitelic, Corp
V62C1801024L MOSEL-V62C1801024L Datasheet
92Kb / 10P
   Ultra Low Power 128K x 8 CMOS SRAM
logo
Lyontek Inc.
LY621024 LYONTEK-LY621024_16 Datasheet
908Kb / 20P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UC62LS1008 ETC1-UC62LS1008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM 128K x 8 Bits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com