Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC61S25636T Datasheet(PDF) 8 Page - Integrated Circuit Solution Inc

Part # IC61S25636T
Description  8Mb SyncBurst Pipelined SRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61S25636T Datasheet(HTML) 8 Page - Integrated Circuit Solution Inc

Back Button IC61S25636T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61S25636T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61S25636T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61S25636T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61S25636T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61S25636T Datasheet HTML 9Page - Integrated Circuit Solution Inc IC61S25636T Datasheet HTML 10Page - Integrated Circuit Solution Inc IC61S25636T Datasheet HTML 11Page - Integrated Circuit Solution Inc IC61S25636T Datasheet HTML 12Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
IC61S25632T/D IC61S25636T/D
IC61S51218T/D
8
Integrated Circuit Solution Inc.
SSR014-0B 08/13/2002
PIN CONFIGURATION
119-pin PBGA (Top View)
PIN DESCRIPTIONS
A0, A1
Synchronous Address Inputs. These
pins must tied to the two LSBs of the
address bus.
A2-A18
Synchronous Address Inputs
CLK
Synchronous Clock
ADSP
Synchronous Processor Address
Status
ADSC
Synchronous Controller Address
Status
ADV
Synchronous Burst Address Advance
BWa -BWb
Synchronous Byte Write Enable
BWE
Synchronous Byte Write Enable
GW
Synchronous Global Write Enable
CE , CE2
Synchronous Chip Enable
OE
Output Enable
DQa-DQb
Synchronous Data Input/Output
MODE
Burst Sequence Mode Selection
SCD
Single Cycle Deselect/Dual Cycle
Deselect Mode Control
XQ
Output Drive Control
VCC
+3.3V Power Supply
GND
Ground
VCCQ
Isolated Output Buffer Supply : +3.3V
or 2.5V
ZZ
Snooze Enable
DQPa-DQPb
Parity Data I/O DQPa is parity for
DQa1-8;DQPb is parity for DQb1-8
100-Pin TQFP (D Version)
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VCCQ
NC
NC
DQc1
NC
VCCQ
NC
DQc4
VCCQ
Nc
DQd6
VCCQ
DQd8
NC
NC
NC
VCCQ
SA
CE2
SA
DQb2
NC
DQc4
DQc3
NC
VCC
DQd5
NC
DQd7
NC
DQPd
SA
SA
NC
SA
SA
SA
GND
GND
GND
BWb
GND
NC
GND
GND
GND
GND
GND
MODE
SA
NC
ADSP
ADSC
VCC
XQ
CE
OE
ADV
GW
VCC
CLK
SCD
BWE
A1
A0
VCC
NC
NC
SA
SA
SA
GND
GND
GND
GND
GND
NC
GND
BWa
GND
GND
GND
NC
SA
NC
SA
SA
SA
DQPa
NC
DQb7
NC
DQb5
VCC
NC
DQa3
NC
DQa2
NC
SA
SA
NC
VCCQ
NC
NC
NC
DQb8
VCCQ
DQb6
NC
VCCQ
DQa4
NC
VCCQ
NC
DQa1
NC
ZZ
VCCQ
1
2
3
4
5
6
7
SA
NC
NC
VCCQ
GND
NC
DQPa
DQa8
DQa7
GND
VCCQ
DQa6
DQa5
GND
SCD
VCC
ZZ
DQa4
DQa3
VCCQ
GND
DQa2
DQa1
NC
NC
GND
VCCQ
NC
NC
NC
NC
NC
NC
VCCQ
GND
NC
NC
DQb1
DQb2
GND
VCCQ
DQb3
DQb4
NC
VCC
XQ
GND
DQb5
DQb6
VCCQ
GND
DQb7
DQb8
DQPb
NC
GND
VCCQ
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
512K x18
Note:Ball R5 connecting to VCC is acceptable
Note:pin 14 connecting to VCC is acceptable


Similar Part No. - IC61S25636T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61S6432 ICSI-IC61S6432 Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IC61S6432-117PQ ICSI-IC61S6432-117PQ Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IC61S6432-117PQI ICSI-IC61S6432-117PQI Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IC61S6432-117TQ ICSI-IC61S6432-117TQ Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
IC61S6432-117TQI ICSI-IC61S6432-117TQI Datasheet
169Kb / 21P
   64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
More results

Similar Description - IC61S25636T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61SF25632T ICSI-IC61SF25632T Datasheet
476Kb / 19P
   8Mb SyncBurst Flow through SRAM
logo
Micron Technology
MT58L256V36P MICRON-MT58L256V36P Datasheet
393Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 PIPELINED, SCD SYNCBURST SRAM
logo
Integrated Circuit Solu...
IC61SP12832 ICSI-IC61SP12832 Datasheet
254Kb / 16P
   128K x 32 Pipelined SyncBurst SRAM
logo
Micron Technology
MT58L256L36D MICRON-MT58L256L36D Datasheet
546Kb / 26P
   8Mb: 512K x 18, 256K x 32/36 3.3V I/O, PIPELINED, DCD SYNCBURST SRAM
MT58L1MY18D MICRON-MT58L1MY18D Datasheet
526Kb / 34P
   16Mb SYNCBURST??SRAM
MT58L256V36F MICRON-MT58L256V36F Datasheet
475Kb / 27P
   8Mb: 512K x 18, 256K x 32/36 FLOW-THROUGH SYNCBURST SRAM
MT55L512L18P-1 MICRON-MT55L512L18P-1 Datasheet
497Kb / 30P
   8Mb ZBT SRAM
MT55L512L18P MICRON-MT55L512L18P Datasheet
304Kb / 25P
   8Mb ZBT SRAM
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
   3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com