Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41LV82052S-50T Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IC41LV82052S-50T
Description  2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41LV82052S-50T Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IC41LV82052S-50T Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41LV82052S-50T Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41LV82052S-50T Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41LV82052S-50T Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41LV82052S-50T Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41LV82052S-50T Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41LV82052S-50T Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41LV82052S-50T Datasheet HTML 9Page - Integrated Circuit Solution Inc IC41LV82052S-50T Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
IC41C82052S
IC41LV82052S
6
Integrated Circuit Solution Inc.
DR016-0A 06/12/2001
AC CHARACTERISTICS(1,2,3,4,5,6)
(Recommended Operating Conditions unless otherwise noted.)
-50
-60
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
tRC
Random READ or WRITE Cycle Time
84
—
104
—
ns
tRAC
Access Time from RAS(6, 7)
—50
—
60
ns
tCAC
Access Time from CAS(6, 8, 15)
—13
—
15
ns
tAA
Access Time from Column-Address(6)
—25
—
30
ns
tRAS
RAS Pulse Width
50
10K
60
10K
ns
tRP
RAS Precharge Time
30
—
40
—
ns
tCAS
CAS Pulse Width(23)
8
10K
10
10K
ns
tCP
CAS Precharge Time(9)
ns
tCSH
CAS Hold Time (21)
38
—
40
—
ns
tRCD
RAS to CAS Delay Time(10, 20)
12
37
14
45
ns
tASR
Row-Address Setup Time
0
—
0
—
ns
tRAH
Row-Address Hold Time
7
—
10
—
ns
tASC
Column-Address Setup Time(20)
ns
tCAH
Column-Address Hold Time(20)
10
—
ns
tAR
Column-Address Hold Time
30
—
40
—
ns
(referenced to RAS)
tRAD
RAS to Column-Address Delay Time(11)
10
25
12
30
ns
tRAL
Column-Address to RAS Lead Time
25
—
30
—
ns
tRPC
RAS to CAS Precharge Time
5
—
5
—
ns
tRSH
RAS Hold Time
8
—
10
—
ns
tRHCP
RAS Hold Time from CAS Precharge
30
—
35
—
ns
tCLZ
CAS to Output in Low-Z(15, 24)
ns
tCRP
CAS to RAS Precharge Time(21)
ns
tOD
Output Disable Time(19, 24)
315
3
15
ns
tOE
Output Enable Time(15, 16)
—12
—
15
ns
tOED
Output Enable Data Delay (Write)
12
—
15
—
ns
tOEHC
OE HIGH Hold Time from CAS HIGH
5
—
5
—
ns
tOEP
OE HIGH Pulse Width
10
—
10
—
ns
tOES
OE LOW to CAS HIGH Setup Time
5
—
5
—
ns
tRCS
Read Command Setup Time(17, 20)
ns
tRRH
Read Command Hold Time
0
—
0
—
ns
(referenced to RAS)(12)
tRCH
Read Command Hold Time
0
—
0
—
ns
(referenced to CAS)(12, 17, 21)
tWCH
Write Command Hold Time(17)
10
—
ns
tWCR
Write Command Hold Time
40
—
50
—
ns
(referenced to RAS)(17)
tWP
Write Command Pulse Width(17)
10
—
ns
tWPZ
WE Pulse Widths to Disable Outputs
7
—
7
—
ns
tRWL
Write Command to RAS Lead Time(17)
13
—
15
—
ns
tCWL
Write Command to CAS Lead Time(17, 21)
10
—
ns
tWCS
Write Command Setup Time(14, 17, 20)
ns
tDHR
Data-in Hold Time (referenced to RAS)39
—
39
—
ns


Similar Part No. - IC41LV82052S-50T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41LV82052 ICSI-IC41LV82052 Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV82052-50J ICSI-IC41LV82052-50J Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV82052-50T ICSI-IC41LV82052-50T Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV82052-60J ICSI-IC41LV82052-60J Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41LV82052-60T ICSI-IC41LV82052-60T Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results

Similar Description - IC41LV82052S-50T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV8205A ISSI-IS41LV8205A Datasheet
126Kb / 19P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41C8205 ISSI-IS41C8205 Datasheet
143Kb / 17P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IC41C82052 ICSI-IC41C82052 Datasheet
196Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C82002 ICSI-IC41C82002 Datasheet
195Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C8200 ISSI-IS41C8200 Datasheet
159Kb / 18P
   2M x 8 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16105 ISSI-IS41C16105 Datasheet
140Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IS41LV16105B ISSI-IS41LV16105B Datasheet
131Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
Integrated Circuit Solu...
IS41C16105 ICSI-IS41C16105 Datasheet
523Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
IC41C16105S ICSI-IC41C16105S Datasheet
199Kb / 18P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
logo
List of Unclassifed Man...
IC41C16105 ETC1-IC41C16105 Datasheet
193Kb / 18P
   1M X 16 (16-MBIT) DYNAMIC RAM WITH FAST PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com