Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4C1256-12L28M Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # P4C1256-12L28M
Description  HIGH SPEED 32K x 8 STATIC CMOS RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

P4C1256-12L28M Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  P4C1256-12L28M Datasheet HTML 1Page - List of Unclassifed Manufacturers P4C1256-12L28M Datasheet HTML 2Page - List of Unclassifed Manufacturers P4C1256-12L28M Datasheet HTML 3Page - List of Unclassifed Manufacturers P4C1256-12L28M Datasheet HTML 4Page - List of Unclassifed Manufacturers P4C1256-12L28M Datasheet HTML 5Page - List of Unclassifed Manufacturers P4C1256-12L28M Datasheet HTML 6Page - List of Unclassifed Manufacturers P4C1256-12L28M Datasheet HTML 7Page - List of Unclassifed Manufacturers P4C1256-12L28M Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
124
P4C1256
28 LCC PIN CONFIGURATION
SELECTION GUIDE
The P4C1256 is available in the following temperature, speed and package options. The P4C1256L is available only
over the military temperature range.
Speed
Temp.
Range
Com'l
Ind.
Package
Plastic DIP
Plastic SOJ
Plastic DIP
Plastic SOJ
Sidebrazed (300 mil)
CERDIP (300 mil)
CERDIP (600 mil)
L28
L32
N/A
N/A
N/A
N/A
-70CM
-70DM
-70DWM
-70L28M
-70L32M
70
Mil.
Temp.
12
-12PC
-12JC
N/A
N/A
N/A
N/A
N/A
N/A
N/A
15
-15PC
-15JC
-15PI
-15JI
N/A
N/A
N/A
N/A
N/A
20
-20PI
-20JI
-20CM
-20DM
-20DWM
-20L28M
-20L32M
25
-25PC
-25JC
-25CM
-25DM
-25DWM
-25L28M
-25L32M
35
-35PC
-35JC
-35PI
-35JI
-35CM
-35DM
-35DWM
-35L28M
-35L32M
45
55
N/A
N/A
N/A
N/A
-45PI
-425JI
N/A
N/A
-45CM
-45DM
-45DWM
-45L28M
-45L32M
-55CM
-55DM
-55DWM
-55L28M
-55L32M
-20PC
-20JC
-25PI
-25JI
Military
Proc'd*
-20CMB
-20DMB
-20DWMB
-20L28MB
-20L32MB
-35CMB
-35DMB
-35DWMB
-35L28MB
-35L32MB
-45CMB
-45DMB
-45DWMB
-45L28MB
-45L32MB
-55CMB
-55DMB
-55DWMB
-55L28MB
-55L32MB
-70CMB
-70DMB
-70DWMB
-70L28MB
-70L32MB
* Military temperature range with MIL-STD-883, Class B processing.
N/A = Not Available
Sidebrazed (300 mil)
CERDIP (300 mil)
CERDIP (600 mil)
L28
L32
-25CMB
-25DMB
-25DWMB
-25L28MB
-25L32MB
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
A5
A6
A7
A8
A9
I/O1
CE
A13
A12
A11
26
25
24
23
22
21
20
4
5
6
7
8
9
10
11
12
19
18
13
17
327
1
15
2
14
28
16
I/O2
A10
OE
I/O8
I/O7
A4
A3
A14
28 LCC (L5)
TOP VIEW


Similar Part No. - P4C1256-12L28M

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1256-12CCLF PYRAMID-P4C1256-12CCLF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256-12CILF PYRAMID-P4C1256-12CILF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256-12CMBLF PYRAMID-P4C1256-12CMBLF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256-12CMLF PYRAMID-P4C1256-12CMLF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
P4C1256-12DCLF PYRAMID-P4C1256-12DCLF Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
More results

Similar Description - P4C1256-12L28M

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61C256AH ISSI-IS61C256AH Datasheet
60Kb / 8P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com