Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT63M147CPC Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # UT63M147CPC
Description  MIL-STD-1553A/B Bus Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT63M147CPC Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button UT63M147CPC Datasheet HTML 6Page - Aeroflex Circuit Technology UT63M147CPC Datasheet HTML 7Page - Aeroflex Circuit Technology UT63M147CPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT63M147CPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT63M147CPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT63M147CPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT63M147CPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT63M147CPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT63M147CPC Datasheet HTML 14Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Appendix 2 - 10
RECEIVER ELECTRICAL CHARACTERISTICS 1
VCC = 5.0V ±10%
-55
°C < T
C < +125°C
Notes:
1. All tests guaranteed per test figure 6.
2. Capacitance is measured only for initial qualification and after any process or design changes which may affect input or output capacitance.
3. Pass/fail criteria per the test method described in MIL-HDBK-1553 Appendix A, RT Validation Test Plan, Section 5.1.2.2, Common Mode Rejection.
4. Guaranteed by design.
5. Guaranteed to the limits specified if not tested.
SYMBOL
PARAMETER
MINIMUM
MAXIMUM
UNIT
CONDITION
CIN
2
Input capacitance
15
pF
RXEN; input
ƒ = 1MHz @ 0V
COUT
2
Output capacitance
20
pF
RXOUT, RXOUT;
ƒ = 1MHz @ 0V
VIC
5
Common mode input
voltage
-5
5
V
Direct-coupled stub; input 1.2 VPP,
200ns rise/fall time
±25ns,
ƒ = 1MHz
VTH
Input threshold
voltage4 (no response)
Input threshold voltage
(no response)
Input threshold
voltage4 (response)
Input threshold voltage
(response)
0.86
1.20
0.20
0.28
14.0
20.02
VPP,L-L
VPP,L-L
VPP,L-L
VPP,L-L
Transformer-coupled stub; input at
ƒ = 1MHz, rise/fall time 200ns at
(Receiver output 0
→ 1 transition)
Direct-coupled stub; input at
ƒ = 1MHz,
rise/fall time 200ns at (Receiver output
0
→ 1 transition)
Transformer-coupled stub; input at
ƒ = 1MHz, rise/fall time 200ns at
(Receiver output 0
→ 1 transition)
Direct-coupled stub; input at
ƒ = 1MHz,
rise/fall time 200ns at (Receiver output
0
→ 1 transition)
CMRR5
Common mode
rejection ratio
Pass/Fail 3
N/A


Similar Part No. - UT63M147CPC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT63M105PCA ETC1-UT63M105PCA Datasheet
568Kb / 23P
   MIL-STD-1553A/B Bus Transceiver
UT63M105PCA5 ETC1-UT63M105PCA5 Datasheet
568Kb / 23P
   MIL-STD-1553A/B Bus Transceiver
UT63M105PCC ETC1-UT63M105PCC Datasheet
568Kb / 23P
   MIL-STD-1553A/B Bus Transceiver
UT63M105PCC5 ETC1-UT63M105PCC5 Datasheet
568Kb / 23P
   MIL-STD-1553A/B Bus Transceiver
UT63M105PCX ETC1-UT63M105PCX Datasheet
568Kb / 23P
   MIL-STD-1553A/B Bus Transceiver
More results

Similar Description - UT63M147CPC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT63M1XX ETC1-UT63M1XX Datasheet
568Kb / 23P
   MIL-STD-1553A/B Bus Transceiver
logo
Aeroflex Circuit Techno...
ACT4808N AEROFLEX-ACT4808N Datasheet
142Kb / 9P
   Dual Transceivers for MACAIR (A3818, A4905, A5232, A5690) and MIL-STD-1553A/B
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
logo
MMD Components
MVLP2 MMD-MVLP2 Datasheet
106Kb / 2P
   MIL-STD-883 Level B
logo
Aeroflex Circuit Techno...
ACT4454 AEROFLEX-ACT4454 Datasheet
173Kb / 8P
   ACT 4454 / 4460 Single Supply Transceivers for MIL-STD-1553A/B & MacAir A3818, A4905, A5232 & A5690
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
   Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
   Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
logo
List of Unclassifed Man...
BUS-8559 ETC1-BUS-8559 Datasheet
811Kb / 4P
   VARIABLE OUTPUT MIL-STD-1553 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com