Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-F1CD048T Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FTR-F1CD048T
Description  POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F1CD048T Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FTR-F1CD048T Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F1CD048T Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F1CD048T Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F1CD048T Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F1CD048T Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F1CD048T Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F1CD048T Datasheet HTML 7Page - Fujitsu Component Limited. FTR-F1CD048T Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FTR-F1 SERIES
n
REFERENCE DATA
0
2
4
6
8
10
12
14
100
90
80
70
60
50
40
30
20
10
Contact resistance (m )
Make
Break
Distribution of contact resistance
FTR-F1CA012
n=100
100
80
60
40
20
0
10
20
30
40
50
60
70
Nominal voltage multiplying factor (%)
Operate
Release
80
Distribution of operate and release voltage
FTR-F1CA012
n=100
0
1
2
3
4
5
6
7
Time (ms)
100
80
60
40
20
Operate
Release
8
9 10
Distribution of operate and release time
FTR-F1CA012
n=100
200
100
50
20
10
5
2
200
500
1000
2000
500
Break
Make
100
10
8
6
4
2
0
Operate
Operation (x106)
Operation (x103)
Operation (x103)
Release
Mechanical life test
Electrical life test
Electrical life test
200
100
50
20
10
5
2
500
10
8
6
4
2
0
100
50
Initial
Initial
100
50
Initial
500
200
100
50
20
10
5
2
10
8
6
4
2
0
FTR-FICA012V
n=20
1200 operations/minute
FTR-FICA012V
n=8
10 operations/minute
DC24V, 5 A (resistive)
FTR-FICA012V
n=8
10 operations/minute
AC250 V, 5A (resistive)
Break
Make
Break
Make
Operate
Release
Operate
Release
X X
X
X
X
X
X
X X
x
X
X
X
X
XXX
X
X
X
X
X
X
X
X
X
X
X
X


Similar Part No. - FTR-F1CD048T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1CD048V FUJITSU-FTR-F1CD048V Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F1CD048V-RG FUJITSU-FTR-F1CD048V-RG Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
More results

Similar Description - FTR-F1CD048T

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1 FUJITSU-FTR-F1_07 Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F4 FUJITSU-FTR-F4_V01 Datasheet
248Kb / 7P
   POWER RELAY 2 POLE 5A / TV-3 Rated Compact Type Relay
28th, 2017
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F4 FUJITSU-FTR-F4_07 Datasheet
665Kb / 6P
   POWER RELAY 2 POLE 5A/TV-3 RATED COMPACT TYPE
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com