Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC8231TK-E2 Datasheet(PDF) 3 Page - California Eastern Labs

Part # UPC8231TK-E2
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC8231TK-E2 Datasheet(HTML) 3 Page - California Eastern Labs

  UPC8231TK-E2 Datasheet HTML 1Page - California Eastern Labs UPC8231TK-E2 Datasheet HTML 2Page - California Eastern Labs UPC8231TK-E2 Datasheet HTML 3Page - California Eastern Labs UPC8231TK-E2 Datasheet HTML 4Page - California Eastern Labs UPC8231TK-E2 Datasheet HTML 5Page - California Eastern Labs UPC8231TK-E2 Datasheet HTML 6Page - California Eastern Labs UPC8231TK-E2 Datasheet HTML 7Page - California Eastern Labs UPC8231TK-E2 Datasheet HTML 8Page - California Eastern Labs UPC8231TK-E2 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS
t
i
n
U
s
g
n
i
t
a
R
s
n
o
i
t
i
d
n
o
C
t
s
e
T
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
t
l
o
V
y
l
p
p
u
S
CC
TA =+25
V
0
.
4
C
Power-Saving Voltage
VPS
TA =+25
V
0
.
4
C
P
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
D
TA = +85°C
Note
232
mW
Operating Ambient Temperature
TA
40 to +85
C
Storage Temperature
Tstg
55 to +150
C
P
r
e
w
o
P
t
u
p
n
I
in
m
B
d
0
1
+
Note Mounted on double-side copper-clad 50
50
1.6 mm epoxy glass PWB
RECOMMENDED OPERATING RANGE
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
V
e
g
a
t
l
o
V
y
l
p
p
u
S
CC
2.7
3.0
3.3
V
Operating Ambient Temperature
TA
40
+25
+85
C
Power Save Turn-on Voltage
VPSon
1.6
VCC
V
Power Save Turn-off Voltage
VPSoff
0
0.4
V
Data Sheet PU10613EJ01V0DS
3
PC8231TK


Similar Part No. - UPC8231TK-E2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC8231TK-E2 RENESAS-UPC8231TK-E2 Datasheet
324Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2006
UPC8231TK-E2-A RENESAS-UPC8231TK-E2-A Datasheet
324Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2006
More results

Similar Description - UPC8231TK-E2

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com