Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB100EZ Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB100EZ
Description  Optical Emitter and Sensor Pair
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB100EZ Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB100EZ Datasheet HTML 1Page - OPTEK Technologies OPB100EZ Datasheet HTML 2Page - OPTEK Technologies OPB100EZ Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optical Emitter and Sensor Pair
OPB100Z, OPB100EZ, OPB100SZ
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.1
01/06
Page 1 of 3
Features:
• 890 nm infrared LED emitter
• Silicon phototransistor sensor
• Snap-in mounting
• Variable sensing distance over 36” (91.4 cm)
• Low profile package
• 24” (61.0 cm) wire leads
Description:
The OPB100 series consists of an infrared LED (OPB100EZ) and phototransistor (OPB100SZ) in separate
plastic housings. The low cost, snap-in design requires no screws or other mounting hardware for ease of
installation.
The emitter and sensor are not apertured, which allows separation distances in excess of 36” (91.4 cm) without
concern for precise alignment. The front side clip allows mounting of the product to any 0.062” (1.57 mm) thick
material.
This product is designed for general switching and low-speed data communications applications.
Red
Black
White
Green
Ordering Information
Part
Number
LED Peak
Wavelength
Sensor
Lead Length /
Spacing
OPB100Z
880 nm
Transistor
OPB100-EZ
OPB100-SZ
24" / 26 AWG Wire
Applications:
Non-contact reflective object
Non-contact interruptive sensing
Assembly line automation
Machine automation
Machine safety
SNAP BODY
Emitter (LED)
Phototransistor
Symbolize Cover
26 AWG
UL Rated
Color/Pin
Description
Red-1
Anode
Black-2
Cathode
White-3
Collector
Green-4
Emitter
RoHS


Similar Part No. - OPB100EZ

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB100EZ OPTEK-OPB100EZ_14 Datasheet
304Kb / 3P
   Optical Emitter and Sensor Pair
More results

Similar Description - OPB100EZ

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB100 TTELEC-OPB100 Datasheet
844Kb / 3P
   Optical Emitter and Sensor Pair
logo
OPTEK Technologies
OPB100EZ OPTEK-OPB100EZ_14 Datasheet
304Kb / 3P
   Optical Emitter and Sensor Pair
logo
List of Unclassifed Man...
H23B1 ETC-H23B1 Datasheet
96Kb / 2P
   MATCHED EMITTER DETECTOR PAIR
logo
Lite-On Technology Corp...
LTR-329ALS-01 LITEON-LTR-329ALS-01 Datasheet
801Kb / 28P
   Optical Sensor
LTR-559ALS-01 LITEON-LTR-559ALS-01 Datasheet
726Kb / 41P
   Optical Sensor
LTR-706PS-01 LITEON-LTR-706PS-01 Datasheet
973Kb / 36P
   Optical Sensor
logo
Sensortechnics GmbH
LD83O6S-A SENSORTECHNICS-LD83O6S-A Datasheet
1Mb / 4P
   Optical Sensor
logo
Lite-On Technology Corp...
LTR-556ALS-01 LITEON-LTR-556ALS-01 Datasheet
724Kb / 40P
   Optical Sensor
LTR-579ALS-01 LITEON-LTR-579ALS-01 Datasheet
932Kb / 44P
   Optical Sensor
LTR-553ALS-01 LITEON-LTR-553ALS-01 Datasheet
727Kb / 41P
   Optical Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com