Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB100-SZ Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB100-SZ
Description  Optical Emitter and Sensor Pair
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB100-SZ Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB100-SZ Datasheet HTML 1Page - OPTEK Technologies OPB100-SZ Datasheet HTML 2Page - OPTEK Technologies OPB100-SZ Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optical Emitter and Sensor Pair
OPB100Z, OPB100EZ, OPB100SZ
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A .1
01/06
Page 2 of 3
Electrical Characteristics (TA = 25
°C unless otherwise noted — for reference only)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode (See OP298 for additional information — for reference only)
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA
IR
Reverse Current
-
-
15
µA
VR= 10 V
qHP
Emission Angle at Half Power Points
-
25
-
Degree
IF = 20 mA
EE (APT)
Aperture Radiant Incidence
2.4
-
-
mW/cm
2
IF = 100 mA
Distance = 1.43” (3.63 cm)
Aperture = 0.25” (6.35 mm)
Output Phototransistor (See OP598 for additional information — for reference only)
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
-
-
V
IC = 1 mA, EE = 0mw/cm
2 (no light)
V(BR)ECO
Emitter-Collector Breakdown Voltage
5
-
-
V
IC = 100 µA, EE = 0mw/cm
2 (no light)
ICEO
Collector Dark Current
-
-
100
nA
VCE = 10V, IF = 0, EE = 0 mw/cm
2
(no light)
VCE(SAT)
Collector-Emitter Saturation Voltage
-
-
0.4
V
IC = 400 µA, EE = 1.7 mw/cm
2
IC(ON)
On-State Collector Current
5
-
-
mA
VCE = 5 V, EE = 1.7 mw/cm
2
Notes:
1.
Derate linearly 3.33mW/
°C above 25°C.
2.
All parameters measured using pulse technique.
3.
Derate linearly 1.43mW/°C above 25°C.
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage Temperature Range
-40
o C to +85o C
Operating Temperature Range
(1)
-40
o C to +80o C
Input LED (OP298 for additional information)
Forward DC Current
100 mA
Peak Forward Current (1 µs pulse width, 300 pps)
1 A
Reverse DC Voltage
2 V
Power Dissipation
(2)
142 mW
Collector-Emitter Voltage
30 V
Emitter-Collector Voltage
5 V
Output Phototransistor (OP598 for additional information)
Collector DC Current
50 mA
Power Dissipation
(3)
250 mW


Similar Part No. - OPB100-SZ

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB100-SZ OPTEK-OPB100-SZ Datasheet
304Kb / 3P
   Optical Emitter and Sensor Pair
logo
TT Electronics.
OPB100-SZ TTELEC-OPB100-SZ Datasheet
844Kb / 3P
   Optical Emitter and Sensor Pair
More results

Similar Description - OPB100-SZ

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB100 TTELEC-OPB100 Datasheet
844Kb / 3P
   Optical Emitter and Sensor Pair
logo
OPTEK Technologies
OPB100EZ OPTEK-OPB100EZ_14 Datasheet
304Kb / 3P
   Optical Emitter and Sensor Pair
logo
List of Unclassifed Man...
H23B1 ETC-H23B1 Datasheet
96Kb / 2P
   MATCHED EMITTER DETECTOR PAIR
logo
Lite-On Technology Corp...
LTR-329ALS-01 LITEON-LTR-329ALS-01 Datasheet
801Kb / 28P
   Optical Sensor
LTR-559ALS-01 LITEON-LTR-559ALS-01 Datasheet
726Kb / 41P
   Optical Sensor
LTR-706PS-01 LITEON-LTR-706PS-01 Datasheet
973Kb / 36P
   Optical Sensor
logo
Sensortechnics GmbH
LD83O6S-A SENSORTECHNICS-LD83O6S-A Datasheet
1Mb / 4P
   Optical Sensor
logo
Lite-On Technology Corp...
LTR-556ALS-01 LITEON-LTR-556ALS-01 Datasheet
724Kb / 40P
   Optical Sensor
LTR-579ALS-01 LITEON-LTR-579ALS-01 Datasheet
932Kb / 44P
   Optical Sensor
LTR-553ALS-01 LITEON-LTR-553ALS-01 Datasheet
727Kb / 41P
   Optical Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com