Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MW6S010GNR1 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MW6S010GNR1
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW6S010GNR1 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MW6S010GNR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW6S010GNR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW6S010GNR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MW6S010GNR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MW6S010GNR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MW6S010GNR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc MW6S010GNR1 Datasheet HTML 13Page - Freescale Semiconductor, Inc MW6S010GNR1 Datasheet HTML 14Page - Freescale Semiconductor, Inc MW6S010GNR1 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MW6S010NR1 MW6S010GNR1
11
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS — 450 MHz
500
400
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 16. 2-Carrier W-CDMA Broadband Performance @ Pout = 3 Watts Avg.
−21
−6
−9
−12
−15
VDD = 28 Vdc, Pout = 3 W (Avg.), IDQ = 150 mA
2− Carrier W− CDMA, 10 MHz Carrier Spacing,
3.84 MHz Channel Bandwidth, PAR = 8.5 dB
@ 0.01% Probability (CCDF)
18.4
20.4
−65
37
34
31
28
−40
−45
−50
−55
ηD
25
−60
−18
20.2
20
19.8
19.6
19.4
19.2
19
18.8
18.6
410
420
430
440
450
460
470
480
490
ALT1
IRL
f, FREQUENCY (MHz)
Figure 17. 2-Carrier W-CDMA Broadband Performance @ Pout = 7.5 Watts Avg.
ηD
−50
500
400
−14
−4
−6
−8
−10
16.5
19
−55
55
50
45
40
−30
−35
−40
−45
35
−12
18.8
18.5
18.3
18
17.8
17.5
17.3
17
16.8
410
420
430
440
450
460
470
480
490
S11
f, FREQUENCY (MHz)
Figure 18. Broadband Frequency Response
VDD = 28 Vdc
Pout = 10 W
IDQ = 150 mA
650
50
5
30
−25
0
−5
−15
−20
−10
25
20
15
10
100 150 200 250 300 350 400 450 500
S21
550 600
VDD = 28 Vdc, Pout = 7.5 W (Avg.), IDQ = 150 mA
2− Carrier W− CDMA, 10 MHz Carrier Spacing,
3.84 MHz Channel Bandwidth, PAR = 8.5 dB
@ 0.01% Probability (CCDF)
ALT1
ACPR
Gps
Figure 19. Single-Carrier N-CDMA ACPR, ALT1
and ALT2 versus Output Power
−80
Pout, OUTPUT POWER (WATTS) AVG.
−10
−20
−30
−40
−70
0.1
1
10
−50
ACPR
VDD = 28 Vdc, IDQ = 150 mA,
f = 450 MHz, N− CDMA IS− 95 Pilot,
Sync, Paging, Traffic Codes 8
Through 13
−60
ALT2
ALT1


Similar Part No. - MW6S010GNR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MW6S010GNR1 FREESCALE-MW6S010GNR1 Datasheet
542Kb / 16P
   RF Power Field Effect Transistor
MW6S010GNR1 FREESCALE-MW6S010GNR1 Datasheet
730Kb / 20P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
MW6S010GNR1 NXP-MW6S010GNR1 Datasheet
802Kb / 20P
   RF Power Field Effect Transistors
Rev. 5, 6/2009
More results

Similar Description - MW6S010GNR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6V2010NR1 FREESCALE-MRF6V2010NR1 Datasheet
592Kb / 15P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com