Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

135D277X0050T2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 135D277X0050T2
Description  Tantalum-Case with Glass-to-Tantalum Hermetic Seal For-55°C to 200°C Operation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

135D277X0050T2 Datasheet(HTML) 3 Page - Vishay Siliconix

  135D277X0050T2 Datasheet HTML 1Page - Vishay Siliconix 135D277X0050T2 Datasheet HTML 2Page - Vishay Siliconix 135D277X0050T2 Datasheet HTML 3Page - Vishay Siliconix 135D277X0050T2 Datasheet HTML 4Page - Vishay Siliconix 135D277X0050T2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 40024
Revision 15-Jan-01
www.vishay.com
90
Model 135D
Vishay Sprague
35 WVDC @ + 85
°C . . . 22 WVDC @ + 125°C
Max. DCL (
µA) @
Max. CAPACITANCE
CHANGE (%) @
STANDARD RATINGS
50 WVDC @ + 85
°C . . . 30 WVDC @ + 125°C
CAPACITANCE
(
µF)
620
660
1000
1195
1400
1490
1950
7
15
35
68
82
120
270
5
10
25
47
60
82
160
C
C
F
F
T
T
K
60 WVDC @ + 85
°C . . . 40 WVDC @ + 125°C
4
8.2
20
39
50
68
140
75 WVDC @ + 85
°C . . . 50 WVDC @ + 125°C
3.5
6.8
15
33
40
56
110
525
610
890
1000
1250
1335
1850
+ 5
+ 8
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 20
+ 6
+ 9
+ 9
+ 15
+ 12
+ 15
+ 20
1.0
1.0
1.0
1.0
2.0
2.0
4.0
650
300
150
90
60
60
29
9.5
6.8
5.3
4.2
3.0
2.6
1.5
C
C
F
F
T
T
K
525
625
930
1015
1270
1365
1850
+ 6
+ 9
+ 9
+ 15
+ 12
+ 15
+ 20
+ 5
+ 8
+ 8
+ 10.5
+ 10.5
+ 10.5
+ 20
- 1
6
- 24
- 16
- 28
- 16
- 32
- 40
2.0
2.0
4.0
4.0
7.0
7.0
16.0
0.75
0.75
1.0
1.0
2.0
2.0
4.0
9.3
6.6
4.7
4.1
2.9
2.5
1.5
135D405X0060C2
135D825X0060C2
135D206X0060F2
135D396X0060F2
135D506X0060T2
135D686X0060T2
135D147X0060K2
C
C
F
F
T
T
K
550
275
105
90
50
50
28
135D505X0050C2
135D106X0050C2
135D256X0050F2
135D476X0050F2
135D606X0050T2
135D826X0050T2
135D167X0050K2
580
640
950
1065
1285
1400
1900
+ 6
+ 9
+ 12
+ 15
+ 12
+ 15
+ 25
2.0
2.0
3.0
3.0
7.0
7.0
16.0
400
250
95
70
45
45
27
8.0
6.4
4.6
3.7
2.9
2.5
1.5
C
C
F
F
T
T
K
CASE
CODE
PART NUMBER*
135D705X0035C2
135D156X0035C2
135D356X0035F2
135D686X0035F2
135D826X0035T2
135D127X0035T2
135D277X0035K2
Max. ESR
@ + 25
°C
120 Hz
(Ohms)
7.0
6.2
4.2
2.9
2.5
2.4
1.4
315
175
75
60
45
40
26
Max. IMP.
@ - 55
°C
120 Hz
(Ohms)
0.75
0.75
1.0
1.0
2.0
2.0
3.0
+ 25
°C
1.5
1.5
2.0
2.0
6.0
6.0
12.0
+ 85
°C
+ 125
°C
- 16
- 20
- 23
- 24
- 32
- 41
- 58
- 55
°C
+ 7
+ 10.5
+ 10.5
+ 13
+ 13
+ 13
+ 25
+ 85
°C
+ 10
+ 12
+ 12
+ 15
+ 15
+ 15
+ 25
+ 125
°C
Max. RIPPLE
40kHz
Irms
(mA)
+ 5
+ 8
+ 10.5
+ 13
+ 10.5
+ 13
+ 25
- 16
- 24
- 20
- 28
- 16
- 32
- 50
0.75
0.75
1.0
1.0
2.0
2.0
4.0
- 16
- 20
- 16
- 24
- 16
- 28
- 35
2.0
2.0
4.0
4.0
8.0
8.0
20.0
135D355X0075C2
135D685X0075C2
135D156X0075F2
135D336X0075F2
135D406X0075T2
135D566X0075T2
135D117X0075K2
25 WVDC @ + 85
°C . . . 15 WVDC @ + 125°C
10
22
50
100
120
180
350
30 WVDC @ + 85
°C . . . 20 WVDC @ + 125°C
8
15
40
68
100
150
300
*Part Numbers listed are for units with
± 20% capacitance tolerance insulated capacitors. For ± 10% tolerance capacitors,
change the digit following the letter "X" from "0" to "9"; for
± 5%, change the digit following the letter "X" from "0" to "5". For
capacitors without outer polyester-film insulation, change the last digit in the part number from "2" to "0". For capacitors with
a high temperature insulating sleeve, change the last digit in the part number from "2" to "6".
C
C
F
F
T
T
K
135D805X0030C2
135D156X0030C2
135D406X0030F2
135D686X0030F2
135D107X0030T2
135D157X0030T2
135D307X0030K2
1.5
1.5
2.0
2.0
6.0
6.0
12.0
275
175
65
60
40
35
25
6.6
6.2
4.0
2.9
2.7
2.3
1.4
0.75
0.75
1.0
1.0
2.0
2.0
3.0
- 16
- 20
- 24
- 24
- 28
- 48
- 60
640
660
1025
1195
1450
1525
1950
+ 12
+ 12
+ 12
+ 15
+ 12
+ 15
+ 25
+ 8
+ 10.5
+ 10.5
+ 13
+ 10.5
+ 13
+ 25
C
C
F
F
T
T
K
135D106X0025C2
135D226X0025C2
135D506X0025F2
135D107X0025F2
135D127X0025T2
135D187X0025T2
135D357X0025K2
5.3
4.2
3.0
2.8
2.6
2.2
1.3
220
140
70
50
38
32
24
0.75
0.75
1.0
1.0
2.0
2.0
3.0
1.5
1.5
2.0
2.0
6.0
6.0
12.0
- 16
- 20
- 28
- 28
- 32
- 48
- 70
+ 8
+ 10.5
+ 13
+ 13
+ 13
+ 13
+ 25
715
800
1130
1215
1420
1460
1970
+ 9
+ 12
+ 15
+ 15
+ 15
+ 15
+ 25


Similar Part No. - 135D277X0050T2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D277X0050T2 VISHAY-135D277X0050T2 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
135D277X0050T2 VISHAY-135D277X0050T2 Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
More results

Similar Description - 135D277X0050T2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
135D306X0006C2E3 VISHAY-135D306X0006C2E3 Datasheet
108Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal For - 55 °C to 200 °C Operation
Revision: 26-Sep-06
HE3A VISHAY-HE3A Datasheet
133Kb / 4P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 125 °C Operation
Revision: 30-Jun-08
134D VISHAY-134D Datasheet
95Kb / 3P
   Wet Tantalum HI TMP® Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 °C to 200 °C Operation
Revision: 25-Aug-08
135D VISHAY-135D Datasheet
100Kb / 6P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum Hermetic Seal for - 55 째C to 200 째C Operation
Revision: 10-Oct-08
DLA10011 VISHAY-DLA10011 Datasheet
89Kb / 5P
   Wet Tantalum Capacitors, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
T22 VISHAY-T22 Datasheet
158Kb / 10P
   Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
Revision: 13-May-2020
T18D108M075EZSS VISHAY-T18D108M075EZSS Datasheet
78Kb / 4P
   Wet Tantalum Capacitors, Ultra High Capacitance, Tantalum-Case with Glass-to-Tantalum Hermetic Seal
Revision: 11-Jan-16
735D VISHAY-735D_08 Datasheet
112Kb / 10P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision: 29-Jun-07
735D VISHAY-735D Datasheet
136Kb / 9P
   Wet Tantalum Capacitors with Glass to Tantalum Hermetic Seal CECC 30202 Approved
Revision 17-Oct-03
136D VISHAY-136D Datasheet
109Kb / 7P
   Wet Tantalum Capacitors Tantalum-Case with Glass-to-Tantalum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com