Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB82D01171A-90 Datasheet(PDF) 7 Page - Fujitsu Component Limited.

Part # MB82D01171A-90
Description  16 Mbit (1 M word x 16 bit) Mobile Phone Application Specific Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB82D01171A-90 Datasheet(HTML) 7 Page - Fujitsu Component Limited.

Back Button MB82D01171A-90 Datasheet HTML 3Page - Fujitsu Component Limited. MB82D01171A-90 Datasheet HTML 4Page - Fujitsu Component Limited. MB82D01171A-90 Datasheet HTML 5Page - Fujitsu Component Limited. MB82D01171A-90 Datasheet HTML 6Page - Fujitsu Component Limited. MB82D01171A-90 Datasheet HTML 7Page - Fujitsu Component Limited. MB82D01171A-90 Datasheet HTML 8Page - Fujitsu Component Limited. MB82D01171A-90 Datasheet HTML 9Page - Fujitsu Component Limited. MB82D01171A-90 Datasheet HTML 10Page - Fujitsu Component Limited. MB82D01171A-90 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
MB82D01171A-80/80L/80LL/85/85L/85LL/90/90L/90LL
7
s
s
s
s PIN CAPACITANCE
(f
= 1.0 MHz, TA = +25 °C)
s
s
s
s ELECTRICAL CHARACTERISTICS
1. DC Characteristics
(Continued)
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Address Input Capacitance
CIN1
VIN
= 0 V

5pF
Control Input Capacitance
CIN2
VIN
= 0 V

5pF
Data Input/Output Capacitance
CIO
VIO
= 0 V

8pF
Parameter
Symbol
Conditions
Value
Unit
Min
Max
Input Leakage Current
ILI
VSS
≤ VIN ≤ VDD
−1.0
+1.0
µA
Output Leakage Current
ILO
0 V
≤ VOUT ≤ VDD, Output Disable
−1.0
+1.0
µA
Output High Voltage Level
VOH(31)
VDD
= VDD(31), IOH = −0.5 mA
2.4
V
VOH(27)
VDD
= VDD(27), IOH = −0.5 mA
2.25
V
VOH(23)
VDD
= VDD(23), IOH = −0.5 mA
1.8
V
Output Low Voltage Level
VOL
IOL
= 1 mA
0.4
V
VDD Power Down Current
IDDP
VDD
= VDD(31) Max, VIN = VIH or VIL,
CE2
≤ 0.2 V
20
µA
VDD
= VDD(27, 23) Max, VIN = VIH or VIL,
CE2
≤ 0.2 V
10
µA
VDD Standby
Current
IDDS
VDD
= VDD(31) Max,
VIN
= VIH or VIL
CE1
= CE2 = VIH, IOUT = 0 mA
5.5
mA
L Version
2.0
LL Version
1.5
IDDS
VDD
= VDD(27, 23) Max,
VIN
= VIH or VIL
CE1
= CE2 = VIH, IOUT = 0 mA
5
mA
L Version
1.5
LL Version
1
IDDS1
VDD
= VDD(31) Max,
VIN
≤ 0.2 V or VIN ≥ VDD − 0.2 V,
CE1
= CE2 ≥ VDD − 0.2 V, IOUT = 0 mA
250
µA
L Version
150
LL Version
120
IDDS1
VDD
= VDD(27, 23) Max,
VIN
≤ 0.2 V or VIN ≥ VDD − 0.2 V,
CE1
= CE2 ≥ VDD − 0.2 V, IOUT = 0 mA
200
µA
L Version
100
LL Version
70


Similar Part No. - MB82D01171A-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82D01181E FUJITSU-MB82D01181E Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82D01181E-60L FUJITSU-MB82D01181E-60L Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82D01181E-60LPBN FUJITSU-MB82D01181E-60LPBN Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82D01181E-60LWT FUJITSU-MB82D01181E-60LWT Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
More results

Similar Description - MB82D01171A-90

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82D01181E FUJITSU-MB82D01181E Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DBS08164D-70L FUJITSU-MB82DBS08164D-70L Datasheet
447Kb / 60P
   128 M Bit (8 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DP02183F FUJITSU-MB82DP02183F Datasheet
193Kb / 32P
   MEMORY Mobile FCRAM CMOS 32 M Bit (2 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DP04183C FUJITSU-MB82DP04183C Datasheet
289Kb / 33P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP04184E-65L FUJITSU-MB82DP04184E-65L Datasheet
464Kb / 31P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183D FUJITSU-MB82DP02183D Datasheet
276Kb / 33P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183C-65L FUJITSU-MB82DP02183C-65L Datasheet
284Kb / 32P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DS01181E FUJITSU-MB82DS01181E Datasheet
129Kb / 19P
   Mobile Phone Application Specific Memory
MB82DBS08164C-70L FUJITSU-MB82DBS08164C-70L Datasheet
542Kb / 58P
   128 M Bit (8 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS02163C FUJITSU-MB82DBS02163C Datasheet
606Kb / 63P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com