Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB82D01171A-85L Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB82D01171A-85L
Description  16 Mbit (1 M word x 16 bit) Mobile Phone Application Specific Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB82D01171A-85L Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB82D01171A-85L Datasheet HTML 6Page - Fujitsu Component Limited. MB82D01171A-85L Datasheet HTML 7Page - Fujitsu Component Limited. MB82D01171A-85L Datasheet HTML 8Page - Fujitsu Component Limited. MB82D01171A-85L Datasheet HTML 9Page - Fujitsu Component Limited. MB82D01171A-85L Datasheet HTML 10Page - Fujitsu Component Limited. MB82D01171A-85L Datasheet HTML 11Page - Fujitsu Component Limited. MB82D01171A-85L Datasheet HTML 12Page - Fujitsu Component Limited. MB82D01171A-85L Datasheet HTML 13Page - Fujitsu Component Limited. MB82D01171A-85L Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
MB82D01171A-80/80L/80LL/85/85L/85LL/90/90L/90LL
10
(2) Write Operation
*1: Minimum value must be equal or greater than the sum of actual tCW (or tWP) and tWRC (or tWR) .
*2: New write address is valid from either CE1 or WE is brought to High.
*3: Maximum value is applicable if CE1 is kept at Low and both WE and OE are kept at High.
*4: The tOEH is specified from end of tWC (Min) and is a reference value when access time is determined by tOE.
If actual value is shorter than specified minimum value, tOE become longer by the amount of subtracting actual
value from specified minimum value.
*5: The tOEH[ABS] is the absolute minimum value if write cycle is terminated by WE and CE1 stays Low.
*6: tOHCL (Min) must be satisfied if read operation is not performed prior to write operation.
In case OE is disabled after tOHCL (Min) , WE Low must be asserted after tRC (Min) from CE1 Low.
In other words, read operation is initiated if tOHCL (Min) is not satisfied.
*7: Applicable if CE1 stays Low after read operation.
*8: tCW and tWP is applicable if write operation is initiated by CE1 and WE, respectively.
*9: tWRC and tWR is applicable if write operation is terminated by CE1 and WE, respectively.
The tWR (Min) can be ignored if CE1 is brought to High together or after WE is brought to High.
In such case, the tCP (Min) must be satisfied.
Parameter
Symbol
-80/-80L/
-80LL
-85/-85L/
-85LL
-90/-90L/
-90LL
Unit
Notes
Min
Max
Min
Max
Min
Max
Write Cycle Time
tWC
90
90
90
ns
*1
Address Setup Time
tAS
0
0
0
ns
*2
Address Hold Time
tAH
45
45
45
ns
*2
CE1 Write Setup Time
tCS
0
1000
0
1000
0
1000
ns
CE1 Write Hold Time
tCH
0
1000
0
1000
0
1000
ns
WE Setup Time
tWS
0
0
0
ns
WE Hold Time
tWH
0
0
0
ns
LB and UB Setup Time
tBS
−5
−5
−5
ns
LB and UB Hold Time
tBH
−5
−5
−5
ns
OE Setup Time
tOES
0
1000
0
1000
0
1000
ns
*3
OE Hold Time
tOEH
45
1000
45
1000
45
1000
ns
*3, *4
tOEH[ABS]
20
20
20
ns
*5
OE High to CE1 Low Setup Time
tOHCL
−3
−3
−3
ns
*6
Address Hold Time to OE High
tOHAH
0
0
0
ns
*7
CE1 Write Pulse Width
tCW
60
60
60
ns
*1, *8
WE Write Pulse Width
tWP
60
60
60
ns
*1, *8
CE1 Write Recovery Time
tWRC
15
15
15
ns
*1, *9
WE Write Recovery Time
tWR
15
1000
15
1000
15
1000
ns
*1, *3, *9
Data Setup Time
tDS
20
20
20
ns
Data Hold Time
tDH
0
0
0
ns
CE1 High Pulse Width
tCP
20
20
20
ns
*9


Similar Part No. - MB82D01171A-85L

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82D01181E FUJITSU-MB82D01181E Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82D01181E-60L FUJITSU-MB82D01181E-60L Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82D01181E-60LPBN FUJITSU-MB82D01181E-60LPBN Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82D01181E-60LWT FUJITSU-MB82D01181E-60LWT Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
More results

Similar Description - MB82D01171A-85L

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB82D01181E FUJITSU-MB82D01181E Datasheet
260Kb / 21P
   16 Mbit (1 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DBS08164D-70L FUJITSU-MB82DBS08164D-70L Datasheet
447Kb / 60P
   128 M Bit (8 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DP02183F FUJITSU-MB82DP02183F Datasheet
193Kb / 32P
   MEMORY Mobile FCRAM CMOS 32 M Bit (2 M word x 16 bit) Mobile Phone Application Specific Memory
MB82DP04183C FUJITSU-MB82DP04183C Datasheet
289Kb / 33P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP04184E-65L FUJITSU-MB82DP04184E-65L Datasheet
464Kb / 31P
   64M Bit (4 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183D FUJITSU-MB82DP02183D Datasheet
276Kb / 33P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DP02183C-65L FUJITSU-MB82DP02183C-65L Datasheet
284Kb / 32P
   32M Bit (2 M word 횞 16 bit) Mobile Phone Application Specific Memory
MB82DS01181E FUJITSU-MB82DS01181E Datasheet
129Kb / 19P
   Mobile Phone Application Specific Memory
MB82DBS08164C-70L FUJITSU-MB82DBS08164C-70L Datasheet
542Kb / 58P
   128 M Bit (8 M word횞16 bit) Mobile Phone Application Specific Memory
MB82DBS02163C FUJITSU-MB82DBS02163C Datasheet
606Kb / 63P
   32 M Bit (2 M word횞16 bit) Mobile Phone Application Specific Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com