Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF18085A Datasheet(PDF) 2 Page - Motorola, Inc

Part # MRF18085A
Description  The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF18085A Datasheet(HTML) 2 Page - Motorola, Inc

  MRF18085A Datasheet HTML 1Page - Motorola, Inc MRF18085A Datasheet HTML 2Page - Motorola, Inc MRF18085A Datasheet HTML 3Page - Motorola, Inc MRF18085A Datasheet HTML 4Page - Motorola, Inc MRF18085A Datasheet HTML 5Page - Motorola, Inc MRF18085A Datasheet HTML 6Page - Motorola, Inc MRF18085A Datasheet HTML 7Page - Motorola, Inc MRF18085A Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MRF18085A MRF18085AR3 MRF18085ALSR3
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 100 µAdc)
V(BR)DSS
65
Vdc
Zero Gate Voltage Drain Current
(VDS = 26 Vdc, VGS = 0 Vdc)
IDSS
10
µAdc
Gate–Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
1
µAdc
ON CHARACTERISTICS
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 200 µAdc)
VGS(th)
2
4
Vdc
Gate Quiescent Voltage
(VDS = 26 Vdc, ID = 600 mAdc)
VGS(Q)
2.5
3.9
4.5
Vdc
Drain–Source On–Voltage
(VGS = 10 Vdc, ID = 2 Adc)
VDS(on)
0.15
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 2 Adc)
gfs
6.0
S
DYNAMIC CHARACTERISTICS
Reverse Transfer Capacitance (1)
(VDS = 26 Vdc, VGS = 0, f = 1 MHz)
Crss
3.6
pF
FUNCTIONAL TESTS (In Motorola Test Fixture, 50 ohm system)
Common–Source Amplifier Power Gain @ 85 W (2)
(VDD = 26 Vdc, IDQ = 800 mA, f = 1805 – 1880 MHz)
Gps
13.5
15
dB
Drain Efficiency @ 85 W (2)
(VDD = 26 Vdc, IDQ = 800 mA, f = 1805 – 1880 MHz)
η
48
52
%
Input Return Loss @ 85 W (2)
(VDD = 26 Vdc, IDQ = 800 mA, f = 1805 – 1880 MHz)
IRL
–12
–9
dB
Pout, 1 dB Compression Point
(VDD = 26 Vdc, IDQ = 800 mA, f = 1805 – 1880 MHz)
P1dB
83
90
Watts
Output Mismatch Stress @ P1dB
(VDD = 26 Vdc, IDQ = 800 mA, f = 1805 MHz,
VSWR = 5:1, All Phase Angles at Frequency of Tests)
Ψ
No Degradation In Output Power
Before and After Test
(1) Part is internally matched both on input and output.
(2) To meet application requirements, Motorola test fixtures have been designed to cover the full GSM1800 band, ensuring batch–to–batch
consistency.


Similar Part No. - MRF18085A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF18085A FREESCALE-MRF18085A Datasheet
394Kb / 8P
   RF Power Field Effect Transistors
MRF18085ALR3 FREESCALE-MRF18085ALR3 Datasheet
394Kb / 8P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF18085ALSR3 MOTOROLA-MRF18085ALSR3 Datasheet
379Kb / 8P
   RF Power Field Effect Transistors
logo
Freescale Semiconductor...
MRF18085ALSR3 FREESCALE-MRF18085ALSR3 Datasheet
394Kb / 8P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF18085AR3 MOTOROLA-MRF18085AR3 Datasheet
379Kb / 8P
   RF Power Field Effect Transistors
More results

Similar Description - MRF18085A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF1517T1 MOTOROLA-MRF1517T1 Datasheet
345Kb / 16P
   The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS
MRF5S21130 MOTOROLA-MRF5S21130 Datasheet
404Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S21100LR3 MOTOROLA-MRF5S21100LR3 Datasheet
564Kb / 12P
   The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs
MRF373 MOTOROLA-MRF373 Datasheet
217Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S19100HR3 MOTOROLA-MRF5S19100HR3 Datasheet
726Kb / 12P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF19030LR3 MOTOROLA-MRF19030LR3 Datasheet
594Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF18030BR3 MOTOROLA-MRF18030BR3 Datasheet
275Kb / 8P
   THE RF MOSFET LINE RF POWER FIELD EFFECT TRANSISTORS N - CHANNEL ENHANCEMENT - MODE LATERAL MOSFETS
logo
Freescale Semiconductor...
MRF6522-70R3 FREESCALE-MRF6522-70R3 Datasheet
510Kb / 8P
   The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
logo
Motorola, Inc
MRF186 MOTOROLA-MRF186 Datasheet
446Kb / 8P
   The RF MOSFET Line RF POWER FIELD-EFFECT TRANSISTOR Channel Enhancement-Mode Lateral MOSFET
MRF9060MR1 MOTOROLA-MRF9060MR1 Datasheet
422Kb / 12P
   The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com