Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDM422-ST Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LDM422-ST
Description  Fully Isolated Limited Distance Modem, RS-232/422 Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LDM422-ST Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LDM422-ST Datasheet HTML 1Page - List of Unclassifed Manufacturers LDM422-ST Datasheet HTML 2Page - List of Unclassifed Manufacturers LDM422-ST Datasheet HTML 3Page - List of Unclassifed Manufacturers LDM422-ST Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
21
®
Field Connector
RS-232 Connector
2.10 (53.3)
1.852 (47.0)
0.175 0.010
(4.4 0.25)
Figure 4. LDM422 Mechanical Drawing
1.65 (41.9)
1.28 (32.5)
Connector C/L
0.26 (6.6)
0.120 (3.1) Dia (1 Place)
0
0
0.21 0.01 (5.3 0.25)
0.51 0.01
(13.0 0.25)
5.25 (133.3)
5.28 (141.7)
6.42 (163.1)
Connector
Flange Detail
0
0.531
(13.5)
0.315
(8.0)
Dimensions: Inches (Millimeters)
0.13 0.01 (3.3 0.25)
1.01 (25.7)
A
B
RTN
A’
B’
RTN
TD
RD
12VAC
PWR RTN
A
B
A’
B’
RTS
CTS
Ordering Information
LDM422-P
Male RS-232 connector
LDM422-S
Female RS-232 connector
LDM422-PT
Male RS-232 connector and U.S. power transformer
LDM422-ST
Female RS-232 connector and U.S. power transformer
LDM422-PE
Male RS-232 connector, Euro power transformer
LDM422-SE
Female RS-232 connector, Euro power transformer
PT3
Wall mount U.S. power transformer, 120VAC
PT3E
Wall mount Euro power transformer, 220VAC


Similar Part No. - LDM422-ST

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
LDM40 CARLOGAVAZZI-LDM40 Datasheet
430Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM40LSE0AVSXT CARLOGAVAZZI-LDM40LSE0AVSXT Datasheet
430Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM40LSE0AVSXX CARLOGAVAZZI-LDM40LSE0AVSXX Datasheet
430Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM40LSE0AVXXT CARLOGAVAZZI-LDM40LSE0AVXXT Datasheet
430Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
LDM40LSE0AVXXX CARLOGAVAZZI-LDM40LSE0AVXXX Datasheet
430Kb / 7P
   Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
More results

Similar Description - LDM422-ST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDM485 ETC-LDM485 Datasheet
179Kb / 4P
   Fully Isolated Limited Distance Modem, RS-232/485 Converter
logo
Advantech Co., Ltd.
ULI-314DC ADVANTECH-ULI-314DC Datasheet
361Kb / 2P
   USB to RS-232/422/485 Isolated Converter
1-Jul-2022
BB-485DRCI-PH ADVANTECH-BB-485DRCI-PH Datasheet
374Kb / 2P
   Heavy Industrial RS-232 to RS-422/485 Isolated Converter
BB-422LCOR ADVANTECH-BB-422LCOR Datasheet
346Kb / 1P
   RS-232 to RS-422 Converter
BB-422LCON ADVANTECH-BB-422LCON Datasheet
578Kb / 2P
   RS-232 to RS-422 Converter
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
PC-104 ADVANTECH-PC-104 Datasheet
2Mb / 2P
   Isolated RS-232/422/ 485 Module
logo
Littelfuse
SE-485 LITTELFUSE-SE-485 Datasheet
370Kb / 8P
   OPTICALLY ISOLATED RS-232 TO RS-422/485
logo
Advantech Co., Ltd.
ADAM-4561 ADVANTECH-ADAM-4561 Datasheet
134Kb / 1P
   1-port Isolated USB to RS-232/422/485 Converter
BB-422LP9R ADVANTECH-BB-422LP9R Datasheet
548Kb / 2P
   Port-powered RS-232 to RS-422 Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com