Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBA75CA45 Datasheet(PDF) 1 Page - SanRex Corporation

Part # FBA75CA45
Description  MOSFET MODULE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

FBA75CA45 Datasheet(HTML) 1 Page - SanRex Corporation

  FBA75CA45 Datasheet HTML 1Page - SanRex Corporation FBA75CA45 Datasheet HTML 2Page - SanRex Corporation FBA75CA45 Datasheet HTML 3Page - SanRex Corporation FBA75CA45 Datasheet HTML 4Page - SanRex Corporation FBA75CA45 Datasheet HTML 5Page - SanRex Corporation FBA75CA45 Datasheet HTML 6Page - SanRex Corporation FBA75CA45 Datasheet HTML 7Page - SanRex Corporation FBA75CA45 Datasheet HTML 8Page - SanRex Corporation FBA75CA45 Datasheet HTML 9Page - SanRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
q
D2 S1
D1
G2
S2
S1
G1
S2
e
i
u
y
t
w
1
FCA50CC50
MOSFET MODULE
UL;E76102
(M)
1
NAME PLATE
107.5
±0.6
2・φ6.5
23
23
93
±0.3
3
ーM5
TAB
=110(T0.5)
3
2
1
Unit
A
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
■Electrical Charactistics
(Tj=25℃ unless otherwise specified)
Symbol
Item
Conditions
Ratings
FCA50CC50
Unit
VDSS
Drain-Source Voltage
500
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain
Current
DC
Pulse
Duty 55%
50
A
IDP
100
-ID
Source Current
50
A
PT
Total Power Dissipation
Tc
=25℃
330
W
Tj
Channel Temperature
−40 to +150
Tstg
Storage Temperature
−40 to +125
VISO
Isolation Voltage
(R.M.S.)
A.C. 1minute
2500
V
Mounting
Torque
Mounting
(M6)
Terminal
(M5)
Recommended Value 2.5-3.9
(25-40)
4.7
(48)
N
・m
(kgf・B)
Recommended Value 1.5-2.5
(15-25)
2.7
(28)
Mass
Typical Value
240
g
Symbol
Item
Conditions
Ratings
Min.
Typ.
Max.
±1.0
Unit
IGSS
Gate Leakage Current
VGS
=±20V,VDS=0V
μA
1.0
IDSS
Zero Gate Voltage Drain Current
VGS
=0V,VDS=500V
mA
500
V
(BR)
DSS
Darin-Source Breakdown Voltage
VGS
=0V,ID=1mA
V
1.0
5.0
VGS(th)
Gate-Source Threshold Voltage
VDS
=VGS,ID=10mA
V
140
RDS(on)
Drain-Source On-State Resistance
ID
=25A,VGS=15V
m
Ω
3.5
VDS(on)
Drain-Source On-State Voltage
ID
=25A,VGS=15V
V
30
gfs
Forward Transconductance
VDS
=10V,ID=25A
S
10000
Ciss
Input Capacitance
VGS
=0V,VDS=25V,f=1.0MHz
pF
1900
Coss
Output Capacitance
VGS
=0V,VDS=25V,f=1.0MHz
pF
750
Crss
Reverse Transfer Capacitance
VGS
=0V,VDS=25V,f=1.0MHz
pF
60
tr
Switching
Time
Rise Time
Turn-on Delay Time
Fall Time
Turn-off Delay Time
VDD
=300V,VGS=15V
ID
=25A,RG=5Ω
ns
100
td
(on)
520
tf
140
td
(off)
2.0
VSDS
Diode Forward Voltage
IS
=25A,VGS=0V
V
80
100
trr
Reverse Recovery Time
IS
=25A,VGS=−5V,di/dt=100A/μs
ns
0.38
1.67
Rth
(j-c) Thermal Resistance
MOSFET
Diode
℃/W
FCA50CC50 is a dual power MOSFET module designed for fast swiching applications
of high voltage and current.
(2 devices are serial connected with a fast recovery diode
(trr≦100ns)reverse connected across each MOSFET.) The mounting base of the
module is electrically isolated from semiconductor elements for simple heatsink
construction.
ID
=50A, VDSS=500V
Suitable for high speed switching applications.
Low ON resistance.
Wide Safe Operating Areas.
trr
≦100ns fast recovery diode for free wheel.
(Applications)
UPS
(CVCF)
, Motor Control, Switching Power Supply, etc.


Similar Part No. - FBA75CA45

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
FBA75CA45 SANREX-FBA75CA45 Datasheet
113Kb / 3P
   MOSFET MODULE
More results

Similar Description - FBA75CA45

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK70MD075 SEMIKRON-SK70MD075_07 Datasheet
597Kb / 3P
   MOSFET Module
SK60MD10 SEMIKRON-SK60MD10 Datasheet
412Kb / 2P
   MOSFET Module
SK300MB075 SEMIKRON-SK300MB075 Datasheet
462Kb / 3P
   Mosfet Module
logo
List of Unclassifed Man...
FCA75CC50 ETC-FCA75CC50 Datasheet
483Kb / 3P
   MOSFET MODULE
logo
SanRex Corporation
SF150BA50 SANREX-SF150BA50 Datasheet
536Kb / 3P
   MOSFET MODULE
logo
Semikron International
SK150MHK055T SEMIKRON-SK150MHK055T Datasheet
572Kb / 3P
   Mosfet Module
SK150MBL055T SEMIKRON-SK150MBL055T Datasheet
598Kb / 3P
   Mosfet Module
SK85MH10 SEMIKRON-SK85MH10 Datasheet
426Kb / 3P
   MOSFET Module
SK85MH10T SEMIKRON-SK85MH10T Datasheet
482Kb / 3P
   MOSFET Module
SK115MAA10 SEMIKRON-SK115MAA10 Datasheet
335Kb / 2P
   MOSFET Module
SK80MD055 SEMIKRON-SK80MD055 Datasheet
416Kb / 2P
   MOSFET Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com