Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCA75CC50 Datasheet(PDF) 2 Page - SanRex Corporation

Part # FCA75CC50
Description  MOSFET MODULE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

FCA75CC50 Datasheet(HTML) 2 Page - SanRex Corporation

  FCA75CC50 Datasheet HTML 1Page - SanRex Corporation FCA75CC50 Datasheet HTML 2Page - SanRex Corporation FCA75CC50 Datasheet HTML 3Page - SanRex Corporation FCA75CC50 Datasheet HTML 4Page - SanRex Corporation FCA75CC50 Datasheet HTML 5Page - SanRex Corporation FCA75CC50 Datasheet HTML 6Page - SanRex Corporation FCA75CC50 Datasheet HTML 7Page - SanRex Corporation FCA75CC50 Datasheet HTML 8Page - SanRex Corporation FCA75CC50 Datasheet HTML 9Page - SanRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FCA50CC50
Output Characteristics(Typical)
100
80
60
40
20
10
Tj=25
Pulse Test
VGs=4V
15V
10V
8V
6V
5V
Drain-Source Voltage VDS
(V)
VDS
Tj
25
Pulse Test
10V
Forward Transfer Characteristics(Typical)
50
40
30
20
10
Gate-Source Voltage VGS
(V)
Tj
25
Typical
Pulse Test
VDS
25V
Forward Transconductance Vs.
Drain Current
50
20
10
10
20
50
100
Drain CurrentI
(A)
Tj
100
Tj
25
Tj
25
Pulse Test
Typical
Drain-Source On-State Resistance Vs.
Drain Current
0.
0.
0.
0
25
50
75
100
125
150
Drain CurrentI
(A)
Tj
25
VGs
0V
f
1MHz
Ciss
Coss
Crss
Input Capacitance, Output Capacitance,
Reverse Transfer Capacitance(Typical)
10000
1000
100
40
80
120
160
200
240
Drain-Source Voltage VDS
(V)
Tc
25
Pw
10μs
Pw
100μs
D.C.
Pw
10m
s
Pw
1m
s
Non-Repetitive
Safe Operating Area
Drain-Source Voltage VDS
(V)
10
10
10
10
10
10


Similar Part No. - FCA75CC50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCA75CC50 ETC-FCA75CC50 Datasheet
483Kb / 3P
   MOSFET MODULE
More results

Similar Description - FCA75CC50

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK70MD075 SEMIKRON-SK70MD075_07 Datasheet
597Kb / 3P
   MOSFET Module
SK60MD10 SEMIKRON-SK60MD10 Datasheet
412Kb / 2P
   MOSFET Module
SK300MB075 SEMIKRON-SK300MB075 Datasheet
462Kb / 3P
   Mosfet Module
logo
List of Unclassifed Man...
FCA75CC50 ETC-FCA75CC50 Datasheet
483Kb / 3P
   MOSFET MODULE
logo
SanRex Corporation
SF150BA50 SANREX-SF150BA50 Datasheet
536Kb / 3P
   MOSFET MODULE
logo
Semikron International
SK150MHK055T SEMIKRON-SK150MHK055T Datasheet
572Kb / 3P
   Mosfet Module
SK150MBL055T SEMIKRON-SK150MBL055T Datasheet
598Kb / 3P
   Mosfet Module
SK85MH10 SEMIKRON-SK85MH10 Datasheet
426Kb / 3P
   MOSFET Module
SK85MH10T SEMIKRON-SK85MH10T Datasheet
482Kb / 3P
   MOSFET Module
SK115MAA10 SEMIKRON-SK115MAA10 Datasheet
335Kb / 2P
   MOSFET Module
SK80MD055 SEMIKRON-SK80MD055 Datasheet
416Kb / 2P
   MOSFET Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com