Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX1151 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CX1151
Description  Hydrogen Thyratron
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CX1151 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CX1151 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX1151 Datasheet HTML 2Page - List of Unclassifed Manufacturers CX1151 Datasheet HTML 3Page - List of Unclassifed Manufacturers CX1151 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
E2V Technologies
CX1151
Hydrogen Thyratron
The data to be read in conjunction with the Hydrogen
Thyratron Preamble.
ABRIDGED DATA
Hydrogen-filled tetrode thyratron, featuring low jitter and low
anode delay time drift. Suitable for use at high pulse repetition
rates, in parallel for switching higher powers, or for switching
long pulses. A reservoir operating from the cathode heater
supply is incorporated. The tube is flange mounted with flexible
lead connections.
Peak forward anode voltage ......
25
kV max
Peak anode current
........
1.0
kA max
Average anode current
.......
1.25
A max
Anode heating factor ......
14 x 10
9 VApps max
Peak output power .........
16.5
MW max
GENERAL
Electrical
Cathode (connected internally to
mid-point of heater) .........
oxide coated
Heater voltage
..........
6.3
+ 5%
V
Heater current
..........
22
A
Tube heating time (minimum)
.....
5.0
min
Inter-electrode capacitances (approximate):
anode to grid 2 (grid 1 and
cathode not connected) ......
13
pF
anode to grid 1 (grid 2 and
cathode not connected) ......
7.5
pF
anode to cathode (grid 1 and
grid 2 not connected) .......
26
pF
Mechanical
Seated height
(excluding leads) ....
301.0 mm (11.850 inches) max
Overall diameter (excluding
mounting flange)
.
.
.
84.12 mm (3.312 inches) max
Net weight
.......
0.7 kg (1
1/
2 pounds) approx
Mounting position (see note 1) .........
any
Top cap (see note 2)
.........
B.S.448-CT3
Cooling
...............
natural
PULSE MODULATOR SERVICE
MAXIMUM AND MINIMUM RATINGS
(Absolute values)
Min
Max
Anode
Peak forward anode voltage
(see note 3)
......... –
25
kV
Peak inverse anode voltage
(see note 4)
......... –
25
kV
Peak anode current
....... –
1.0
kA
Peak anode current (pulse repetition
rate limited to 60 pps max)
.... –
2.0
kA
Average anode current
...... –
1.25
A
Rate of rise of anode current
(see note 5)
......... –
5.0 kA/
ms
Anode heating factor ....... –
14 x 10
9 VApps
#
E2V Technologies Limited 2002
A1A-CX1151 Issue 4, September 2002
527/5626
E2V Technologies Limited, Waterhouse Lane, Chelmsford, Essex CM1 2QU England
Telephone: +44 (0)1245 493493
Facsimile: +44 (0)1245 492492
e-mail: enquiries@e2vtechnologies.com
Internet: www.e2vtechnologies.com
Holding Company: Redwood 2002 Limited
E2V Technologies Inc. 4 Westchester Plaza, PO Box 1482, Elmsford, NY10523-1482 USA Telephone: (914) 592-6050
Facsimile: (914) 592-5148
e-mail: enquiries@e2vtechnologies.us


Similar Part No. - CX1151

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
CX1151A KEYSIGHT-CX1151A Datasheet
4Mb / 32P
   Device Current Waveform Analyzer
More results

Similar Description - CX1151

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX2505 ETC1-FX2505 Datasheet
56Kb / 3P
   Hydrogen Thyratron
7665A ETC1-7665A Datasheet
84Kb / 3P
   Hydrogen-Filled Ceramic Thyratron
CX1157 ETC-CX1157 Datasheet
73Kb / 5P
   Hydrogen-Filled Ceramic Thyratron
CX1599 ETC1-CX1599 Datasheet
96Kb / 5P
   Hydrogen-Filled Ceramic Thyratron
NL-716 ETC2-NL-716 Datasheet
420Kb / 2P
   THYRATRON TUBE
FX215 ETC2-FX215 Datasheet
150Kb / 2P
   THYRATRON
CX1622 ETC1-CX1622 Datasheet
79Kb / 4P
   Deuterium Thyratron
logo
ams AG
HLS-442 AMSCO-HLS-442 Datasheet
431Kb / 22P
   Automotive Hydrogen Leak Sensor
logo
Integrated Device Techn...
SGAS701 IDT-SGAS701 Datasheet
714Kb / 16P
   Trace Hydrogen Sensor
logo
Lightel Technologies IN...
LTL-H2-500 LIGHTEL-LTL-H2-500 Datasheet
182Kb / 2P
   Hydrogen Gas Generator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com