Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-F1AA006V Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-F1AA006V
Description  POWER RELAY 2 POLES- 5A LOW PROFILE TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-F1AA006V Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-F1AA006V Datasheet HTML 1Page - Fujitsu Component Limited. FTR-F1AA006V Datasheet HTML 2Page - Fujitsu Component Limited. FTR-F1AA006V Datasheet HTML 3Page - Fujitsu Component Limited. FTR-F1AA006V Datasheet HTML 4Page - Fujitsu Component Limited. FTR-F1AA006V Datasheet HTML 5Page - Fujitsu Component Limited. FTR-F1AA006V Datasheet HTML 6Page - Fujitsu Component Limited. FTR-F1AA006V Datasheet HTML 7Page - Fujitsu Component Limited. FTR-F1AA006V Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FTR-F1 SERIES
n
SPECIFICATIONS
Item
Standard Type
Sensitive Type
TV-3 Rating Type
Contact
Arrangement
2 form A (DPST-NO), 2 form C (DPDT)
2 form A (DPST-NO)
Material
Gold plate silver alloy
Style
Single
Resistance (initial)
Maximum100 mΩ (at 1 A 6 VDC)
Rating (resistive)
5 A 250 VAC/24 VDC
Maximum Carrying Current
7 A
Maximum Switching Rating
1,250 VA/120 W
Maximum Switching Voltage
400 VAC 300 VDC
Maximum Switching Current
5 A
Minimum Switching Load*1
10 mA 5 VDC
Maximum Inrush Current
Coil
Nominal Power (at 20°C)
0.53 W
0.4 W
0.53 W
Operate Power (at 20°C)
0.26 W
0.225W
0.26W
Operating Temperature
–40°C to +75°C (no frost) (refer to the CHARACTERISTIC DATA)
Time Value
Operate (at nominal voltage)
Maximum 15 ms
Release (at nominal voltage)
Maximum 5 ms
Insulation
Resistance (at 500 VDC)
Minimum 1,000 MΩ
Dielectric between open contacts
1,000 VAC 1 minute (3,000 VAC between adjacent contacts)
Strength
between coil and contacts
5,000 VAC 1 minute
Surge Strength
10,000 V (at 1.2 × 50 µs)
Life
Mechanical
2 × 107 operations minimum
Electrical
Contact Rating
1 × 105 operations minimum
Lamp Load
Other
Vibration
Misoperation
10 to 55 Hz (double amplitude of 1.65 mm)
Resistance
Endurance
10 to 55 Hz (double amplitude of 3.3 mm)
Shock
Misoperation
100 m/s2 (11 ±1 ms)
Resistance
Endurance
1,000 m/s2 (6 ±1 ms)
Weight
Approximately 12 g
*1 Minimum switching loads mentioned above are reference values. Please perform the confirmation test with the actual load
before production since reference values may vary according to switching frequencies, environmental conditions and ex-
n
SAFETY STANDARD AND FILE NUMBERS
UL508, 873 (File No. E63614)
C 22.2 No. 14 (File No. LR40304-30/ LR107822)
VDE 0435, 0631, 0700, 0860 (File No. 11039-4940-1019)
Type
Nominal voltage
Contact rating
TV-Rating
FTR-F1AA( )T 5 to 48 VDC
TV-3 120 VAC
1/6 HP
125 VAC 1/4 HP 250 VAC
5 A
24 VDC/250 VAC resistive
Pilot duty R 300
Standard/
Same as above without TV-3
sensitive
2A 250VAC inductive (PF=0.4)
FTR-F1CA()V 5 to 48 VDC
51 A 120 VAC (at lamp load)
2.5 x 104 ops. minimum


Similar Part No. - FTR-F1AA006V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1AA006V FUJITSU-FTR-F1AA006V Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F1AA006V-RG FUJITSU-FTR-F1AA006V-RG Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
More results

Similar Description - FTR-F1AA006V

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-F1 FUJITSU-FTR-F1_07 Datasheet
726Kb / 9P
   POWER RELAY 2 POLES-5 A LOW PROFILE TYPE
FTR-F4 FUJITSU-FTR-F4_V01 Datasheet
248Kb / 7P
   POWER RELAY 2 POLE 5A / TV-3 Rated Compact Type Relay
28th, 2017
FTR-B3 FUJITSU-FTR-B3_09 Datasheet
1Mb / 13P
   ULTRA MINIATURE 2-POLES 2A (LOW PROFILE SIGNAL RELAY)
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
   POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-F4 FUJITSU-FTR-F4_07 Datasheet
665Kb / 6P
   POWER RELAY 2 POLE 5A/TV-3 RATED COMPACT TYPE
FTR-F1L FUJITSU-FTR-F1L Datasheet
336Kb / 5P
   POWER RELAY 2 POLES - 8A Polarized Latching Relay
FTR-F4G FUJITSU-FTR-F4G_11 Datasheet
333Kb / 7P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-F4G FUJITSU-FTR-F4G Datasheet
321Kb / 6P
   POWER RELAY 2 POLE - 5A - 1.5mm contact gap
FTR-B4 FUJITSU-FTR-B4_09 Datasheet
1Mb / 10P
   ULTRA MINIATURE 2-POLES 2A (SLIM PROFILE SIGNAL RELAY)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com