Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6223EK-L Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6223EK-L
Description  50mA and 150mA CMOS Linear Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6223EK-L Datasheet(HTML) 4 Page - Sipex Corporation

  SP6223EK-L Datasheet HTML 1Page - Sipex Corporation SP6223EK-L Datasheet HTML 2Page - Sipex Corporation SP6223EK-L Datasheet HTML 3Page - Sipex Corporation SP6223EK-L Datasheet HTML 4Page - Sipex Corporation SP6223EK-L Datasheet HTML 5Page - Sipex Corporation SP6223EK-L Datasheet HTML 6Page - Sipex Corporation SP6223EK-L Datasheet HTML 7Page - Sipex Corporation SP6223EK-L Datasheet HTML 8Page - Sipex Corporation SP6223EK-L Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Date: 6/15/06 Rev AB
SP6222/6223 50/150mA CMOS Linear Regulators
© 2006 Sipex Corporation
General Overview
The SP6222 and SP6223 are CMOS
LDOs designed to meet a broad range
of low voltage applications that require
accuracy and ease of use. The
SP6222 offers a 50mA output current
while the SP6223 offers an output
current of 150mA. The SP6222 is
available in a 2.5V or 3.0V fixed output
along with an adjustable output
version. The SP6223 is offered in an
adjustable output only. These LDOs
have a minimum input voltage of only
1.6V and a maximum input voltage of
4.5V. The output voltage can be
programmed to as low as 0.9V and
have a maximum dropout voltage
rating of 100mV for the SP6222 and
300mV for the SP6223. Both devices
are equipped with an enable (EN)
input for very low current (10nA typical)
shutdown mode.
Enable / Shutdown Operation
The SP6222/6223 is turned on by
providing 1.6V or greater to the EN
pin. To place the device into shutdown
pull the EN pin below 0.4V. If this
feature is not required connect EN to
input supply to always enable the
device whenever power is applied.
Input / Output Capacitor
The SP6222/6223 is designed to
operate using very small ceramic
capacitors. The minimum input and
output capacitor value for stable
operation is 1.0μF. The output
capacitor value may be increased
without limit to improve transient
response. Place these capacitors
as close as possible to the device.
Bypass (BYP) Capacitor
The fixed output versions offer a
BYP pin to decouple the bandgap
reference. Connecting an external
10nF capacitor from BYP to GND
can reduce output noise. If output
noise is not a concern the BYP pin
may be left open. When a bypass
capacitor is used the turn on time is
slower. See the following turn on
time plots for various BYP capacitor
values. The adjustable output
version does not offer this BYP input.
Adjustable Regulator
The output of the device can be
programmed to a specific voltage by
using two external resistors
connected to the ADJ pin (see
Typical Application Circuit for
Adjustable output). The resistors set
APPLICATION INFORMATION


Similar Part No. - SP6223EK-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6200 SIPEX-SP6200 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200 SIPEX-SP6200 Datasheet
426Kb / 17P
   Micropower, 100mA and 200mA CMOS LDO Regulators
logo
Exar Corporation
SP6200 EXAR-SP6200 Datasheet
967Kb / 17P
   100mA/200mA Micropower CMOS LDO Regulators
logo
Sipex Corporation
SP6200EM5-1-5 SIPEX-SP6200EM5-1-5 Datasheet
426Kb / 17P
   Micropower, 100mA and 200mA CMOS LDO Regulators
SP6200EM5-1-5 SIPEX-SP6200EM5-1-5 Datasheet
144Kb / 10P
   Micropower, 100mA and 200mA CMOS LDO Regulators
More results

Similar Description - SP6223EK-L

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1070 MICROCHIP-TC1070_07 Datasheet
650Kb / 20P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
TC1070 MICROCHIP-TC1070 Datasheet
495Kb / 16P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Microchip Technology
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
   50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
logo
Microchip Technology
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com