Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3S-AD92 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3S-AD92
Description  General-Purpose Photoelectric Sensor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-AD92 Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3S-AD92 Datasheet HTML 1Page - Omron Electronics LLC E3S-AD92 Datasheet HTML 2Page - Omron Electronics LLC E3S-AD92 Datasheet HTML 3Page - Omron Electronics LLC E3S-AD92 Datasheet HTML 4Page - Omron Electronics LLC E3S-AD92 Datasheet HTML 5Page - Omron Electronics LLC E3S-AD92 Datasheet HTML 6Page - Omron Electronics LLC E3S-AD92 Datasheet HTML 7Page - Omron Electronics LLC E3S-AD92 Datasheet HTML 8Page - Omron Electronics LLC E3S-AD92 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
E3S-A
E3S-A
PNP Cable Type with Self-Diagnostic Functions
Through-beam emitter E3S-AT41, E3S-AT91
Through-beam receiver E3S-AT41, E3S-AT91
Diffuse reflective E3S-AD41, E3S-AD42, E3S-AD91, E3S-AD92
Main
circuit
Z
D
Z
D
100 mA max.
Red (Brown)
Self-diagnostic
output
Load
(relay)
Black (Blue)
50 mA max. Orange
Load
(relay)
White (Black)
Control
output
Stability
(Green)
Light
(Red)
10 to 30
VDC
Main
circuit
10 to 30 VDC
Check input
Black (Blue)
Gray (Pink)
0 V
Red (Brown)
PNP Cable Type with Alarm Output
Diffuse reflective E3S-AD43, E3S-AD93
Retroreflective E3S-AR41, E3S-AR91
Main
circuit
Z
D
Z
D
100 mA max.
Red (Brown)
Alarm
output
Load
(relay)
Black (Blue)
Orange (White)
Load
(relay)
White (Black)
Control
output
Light
(Red)
10 to 30
VDC
Main
circuit
Z
D
100 mA max.
Z
D
50 mA
max.
4.4K
Red (Brown)
Orange
Control output
Load
(relay)
Load
(relay)
Black (Blue)
Check
input
Self-
diagnostic
output
Gray (Pink)
White (Black)
Light
(Red)
Stability
(Green)
10 to 30
VDC
50 mA
max.
Stability
(Green)
PNP Connector Type
Through-beam emitter
E3S-AT36, E3S-AT86
Through-beam receiver
E3S-AT36, E3S-AT86
Retroreflective E3S-AR36, E3S-AR86
Diffuse reflective E3S-AD36,
E3S-AD37, E3S-AD38, E3S-AD86,
E3S-AD87, E3S-AD88,
(relay)
Output
Load
NOTE: IEC colors are shown in parentheses.


Similar Part No. - E3S-AD92

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-AD92 OMRON-E3S-AD92 Datasheet
4Mb / 21P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
More results

Similar Description - E3S-AD92

ManufacturerPart #DatasheetDescription
logo
SICK AG
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
   Photoelectric proximity sensor, Photoelectric proximity sensor,
logo
Omron Electronics LLC
E3S-5LE41 OMRON-E3S-5LE41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-N2421V SICK-GRSE18S-N2421V Datasheet
332Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Contrinex AG Industrial...
LRR-M18PA-NMS-101 CONTRINEX-LRR-M18PA-NMS-101 Datasheet
482Kb / 6P
   PHOTOELECTRIC SENSOR
logo
Omron Electronics LLC
E3S-LS3C1D OMRON-E3S-LS3C1D Datasheet
186Kb / 8P
   Photoelectric Sensor
E3SLS10XE4 OMRON-E3SLS10XE4 Datasheet
186Kb / 8P
   Photoelectric Sensor
E3S-R2E41 OMRON-E3S-R2E41 Datasheet
256Kb / 12P
   Photoelectric Sensor
logo
SICK AG
GRSE18S-F2336 SICK-GRSE18S-F2336 Datasheet
1Mb / 7P
   PHOTOELECTRIC SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com