Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7A4410J Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PT7A4410J
Description  T1/E1/OC3 System Synchronizer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PT7A4410J Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PT7A4410J Datasheet HTML 3Page - List of Unclassifed Manufacturers PT7A4410J Datasheet HTML 4Page - List of Unclassifed Manufacturers PT7A4410J Datasheet HTML 5Page - List of Unclassifed Manufacturers PT7A4410J Datasheet HTML 6Page - List of Unclassifed Manufacturers PT7A4410J Datasheet HTML 7Page - List of Unclassifed Manufacturers PT7A4410J Datasheet HTML 8Page - List of Unclassifed Manufacturers PT7A4410J Datasheet HTML 9Page - List of Unclassifed Manufacturers PT7A4410J Datasheet HTML 10Page - List of Unclassifed Manufacturers PT7A4410J Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
Data Sheet
PT7A4410/4410L
T1/E1/OC3 System Synchronizer
PT0106(09/02)
Ver:0
7
Functional Description
Overall Operation
The PT7A4410/4410L is a multitrunk synchronizer that pro-
vides the clock and frame signals for T1 and E1 primary rate
digital transmission links, and STS-3/OC3 links.
It basically consists of the Clock Generator, Mode/State Con-
trol Machine, Time Interval Error (TIE) Corrector, Digital Phase-
Locked Loop (DPLL), Analog Phase- Locked Loop (APLL),
Input Impairment Monitor and Output Interface Circuit.
The DPLL circuit provides synchronization of the output sig-
nals with any given input reference signal, and the TIE circuit
ensures phase continuity whenever the input reference signal
source is changed.
Referring to the block diagram on Page 3, the detailed func-
tions of the PT7A4410/4410L are described as follows.
Master Clock
The PT7A4410/4410L uses either an external clock source or
an external crystal and a few discrete components with its
internal oscillator as the master clock.
Reference Select MUX
The PT7A4410/4410L accepts two independent reference sig-
nals, the primary reference and secondary reference. Either
one of them is selected by the Reference Select MUX circuit
and sent to the TIE circuit. The selection is decided according
to the availability and quality of the reference signals, the
mode operation, and State. Refer to Tables 3, 6 and 7.
Feedback Frequency Select MUX
The feedback frequency is selected by FS1 and FS2 (as shown
in Table 3) to match the particular incoming reference fre-
quency (1.544MHz, 2.048MHz or 8kHz). A reset (RST) must
be performed after every frequency select input change.
Table 3. Feedback Frequency Selection
Time Interval Error (TIE) Corrector
The purpose of the TIE corrector is to allow the phase of the
output signals to be constant while switching between two
mutually incoherent reference signal input sources. Whenever
a new input reference signal is selected, the TIE corrector mea-
sures the phase difference between it and the feedback signal
and aligns them using a variable delay circuit. Thus, the TIE
Corrector output a virtual reference input signal for the DPLL
that has the same phase as it had for the previous reference
signal input source. Thus, the PT7A4410/4410L provides a
totally seamless (“glitch-free”) transition from one reference
signal to another. The TIE Corrector diagram is shown in Fig-
ure 3.
2
S
F2
S
F 2
S
F 2
S
F2
S
F1
S
F1
S
F 1
S
F 1
S
F1
S
Fy
c
n
e
u
q
e
r
F
t
u
p
n
Iy
c
n
e
u
q
e
r
F
t
u
p
n
I
y
c
n
e
u
q
e
r
F
t
u
p
n
I
y
c
n
e
u
q
e
r
F
t
u
p
n
Iy
c
n
e
u
q
e
r
F
t
u
p
n
I
00
d
e
v
r
e
s
e
R
01
z
H
k
8
10
z
H
M
4
4
5
.
1
11
z
H
M
8
4
0
.
2
Figure 3. TIE Corrector
Comparing
Circuit
Programmable
Delay
Circuit
PRI or SEC
From
Select MUX
Delay Value
Virtual Reference
Signal
To DPLL
Feedback Signal
From
Frequency Select MUX
TCLR
TIE Corrector Enable
From
Mode/State Machine


Similar Part No. - PT7A4410J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT7A4401C ETC-PT7A4401C Datasheet
154Kb / 27P
   PT7A4401C T1/E1 System Synchronizer
PT7A4401CJ ETC-PT7A4401CJ Datasheet
154Kb / 27P
   PT7A4401C T1/E1 System Synchronizer
More results

Similar Description - PT7A4410J

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9045 ZARLINK-MT9045 Datasheet
495Kb / 34P
   T1/E1/OC3 System Synchronizer
logo
Mitel Networks Corporat...
MT9044 MITEL-MT9044 Datasheet
120Kb / 30P
   T1/E1/OC3 System Synchronizer
logo
Zarlink Semiconductor I...
MT9043 ZARLINK-MT9043 Datasheet
453Kb / 29P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100_06 Datasheet
384Kb / 36P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100 Datasheet
560Kb / 34P
   T1/E1 System Synchronizer
logo
Mitel Networks Corporat...
MT9041B MITEL-MT9041B Datasheet
72Kb / 19P
   T1/E1 System Synchronizer
logo
List of Unclassifed Man...
PT7A4401C ETC-PT7A4401C Datasheet
154Kb / 27P
   PT7A4401C T1/E1 System Synchronizer
logo
Zarlink Semiconductor I...
ZL30101 ZARLINK-ZL30101_06 Datasheet
364Kb / 35P
   T1/E1 Stratum 3 System Synchronizer
ZL30101 ZARLINK-ZL30101 Datasheet
534Kb / 34P
   T1/E1 Stratum 3 System Synchronizer
MT9046 ZARLINK-MT9046 Datasheet
508Kb / 34P
   T1/E1 System Synchronizer with Holdover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com